HT-50V151MHC5EQ-R2
AI

The **HT-50V151MHC5EQ-R2** is a high-performance surface-mount (SMD) aluminum electrolytic capacitor, typically manufactured by brands like **Lelon** or similar high-reliability electronic component producers. It is part of a series designed for high-temperature and long-life applications.
---
### ## Technical Specifications Breakdown
The part number follows a standard coding convention. Here is the breakdown of its primary electronic characteristics:
| Parameter | Value / Description |
| :--- | :--- |
| **Capacitance** | 150 µF (Microfarads) |
| **Voltage Rating** | 50V DC |
| **Series** | HT Series (High Temperature / Low Impedance) |
| **Package / Case** | SMD (V-Chip), Size Code HC5 (approx. 8x10.5mm) |
| **Tolerance** | ±20% (Standard) |
| **Temperature Range** | -55°C to +105°C |
| **Life Span** | Typically 2,000 to 5,000 hours at 105°C |
---
### ### Key Features
1. **Low ESR/Impedance:** The "HT" series is generally engineered for low equivalent series resistance, making it efficient for high-frequency filtering.
2. **SMD Design:** The "V-Chip" vertical surface mount design allows for automated pick-and-place assembly, saving PCB space compared to through-hole radial capacitors.
3. **Reflow Soldering Compatible:** Built to withstand the heat profiles of lead-free reflow soldering processes.
4. **RoHS Compliant:** The "-R2" suffix often denotes compliance with environmental regulations regarding hazardous substances.
---
### ### Typical Applications
Because of its voltage rating (50V) and capacitance (150µF), this part is commonly found in:
* **DC-DC Converters:** Used for input and output smoothing.
* **Automotive Electronics:** Reliable performance in engine control units or infotainment systems.
* **Industrial Power Supplies:** Filtering ripple current in switching power supplies.
* **Consumer Electronics:** High-density boards where vertical space is available but horizontal space is limited.
---
### ### Dimensional Data (Reference for HC5 Size)
| Dimension | Metric (mm) |
| :--- | :--- |
| **Diameter (ΦD)** | 8.0 mm |
| **Height (L)** | 10.5 mm |
| **Base Size (A x B)** | 8.3 mm x 8.3 mm |
---
- ⤷
What are the equivalent replacement parts from brands like Nichicon or Panasonic?
- ⤷ How does the ripple current rating affect its performance in power supplies?
- ⤷ What is the specific shelf life of this capacitor when not under load?