HT-35V680MF80EQ-R2
AI

The part number **HT-35V680MF80EQ-R2** refers to a high-temperature, surface-mount (SMD) aluminum electrolytic capacitor. Below is a detailed breakdown of its specifications and electronic characteristics.
### 1. Part Number Breakdown
Based on standard industry nomenclature for electrolytic capacitors, the code can be decoded as follows:
| Segment | Meaning | Value / Description |
| :--- | :--- | :--- |
| **HT** | Series Code | High Temperature / Low Impedance series |
| **35V** | Rated Voltage | 35 Volts DC (Maximum working voltage) |
| **680** | Capacitance | 68 µF (Microfarads) |
| **M** | Tolerance | ±20% (Standard industry tolerance) |
| **F80** | Case Size | Often refers to diameter x length (e.g., 6.3 x 8.0 mm) |
| **EQ** | Terminal/Special | Standard SMD (Chip) lead-free terminals |
| **R2** | Packaging | Tape and Reel (for automated pick-and-place) |
---
### 2. Technical Specifications
These components are designed for durability in automotive and industrial power applications.
* **Capacitance:** 68 µF.
* **Voltage Rating:** 35V DC (Surge voltage is typically 1.15x higher).
* **Temperature Range:** -55°C to +105°C (Standard) or up to +125°C for specific HT variants.
* **Impedance/ESR:** Characterized by "Low ESR" to handle ripple current efficiently without overheating.
* **Life Endurance:** Usually rated for 2,000 to 5,000 hours at its maximum temperature rating.
---
### 3. Key Electronic Characteristics
#### A. Dielectric Structure
This part uses an aluminum oxide layer as the dielectric and a liquid electrolyte. Because it is a "V-Chip" (Vertical Chip) style, it is designed to be soldered directly onto the surface of a PCB.
#### B. Polarity
As an electrolytic capacitor, it is **polarized**. The top of the cylindrical can usually features a black or colored marking indicating the **negative (-)** terminal. Reversing polarity can cause the component to fail or vent.
#### C. Ripple Current Handling
The "HT" series is optimized to handle high ripple currents, making it suitable for DC-DC converters where high-frequency switching occurs.
---
### 4. Common Applications
* **Power Supplies:** Filtering input/output noise in switching regulators.
* **Automotive Electronics:** Used in ECU modules due to vibration resistance and temperature stability.
* **LED Drivers:** Smoothing the current to prevent flickering.
* **Industrial Automation:** Decoupling high-frequency noise on control boards.
- ⤷
What is the physical footprint (dimensions) of the F80 case size?
- ⤷ Can this capacitor be used in a 48V circuit if the peak voltage is limited?
- ⤷ How does ESR change as this capacitor reaches the end of its 2
- ⤷000-hour life rating?