HT-35V561MIEE-R5
AI

The part number **HT-35V561MIEE-R5** refers to a high-temperature, surface-mount (SMD) aluminum electrolytic capacitor. This component is typically used in power supply filtering, automotive electronics, and industrial applications where reliability under heat is critical.
---
### 1. Part Number Breakdown
Based on standard industry naming conventions (often used by manufacturers like Lelon or similar vendors), the code can be deconstructed as follows:
| Code Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **HT** | Series Name | High Temperature / Low Impedance Series |
| **35V** | Voltage Rating | 35 Volts (DC) |
| **561** | Capacitance Code | 560 µF (56 x 10^1) |
| **M** | Tolerance | ±20% |
| **IEE** | Case Size Code | Typically refers to dimensions (e.g., 10x10.5mm) |
| **R5** | Packaging/Special | Tape & Reel / RoHS Compliant |
---
### 2. Technical Specifications
These are the typical electrical characteristics for this class of capacitor:
* **Capacitance:** 560 microfarads (µF).
* **Rated Voltage:** 35V DC (Surge voltage usually ~40V).
* **Operating Temperature:** Generally rated for **-55°C to +105°C** (or +125°C depending on specific series qualification).
* **Mounting Type:** SMD (Surface Mount Device) / V-Chip.
* **Polarity:** Polarized (Has a designated negative terminal, usually marked with a black stripe on the top).
---
### 3. Key Features & Applications
#### Features
* **Low ESR:** Low Equivalent Series Resistance allows the part to handle higher ripple currents without overheating.
* **Reflow Soldering Compatible:** Designed to withstand the high temperatures of automated SMT assembly lines.
* **Long Life:** Often rated for 2,000 to 5,000 hours at its maximum temperature limit.
#### Applications
1. **DC-DC Converters:** Smoothing output voltage in power modules.
2. **Automotive:** Used in infotainment systems or ECU power filtering.
3. **Industrial LED Drivers:** Providing stable current in high-heat environments.
4. **Telecommunications:** Base station power management.
---
### 4. Comparison Table: Standard vs. HT Series
| Feature | Standard Electrolytic | HT-Series (HT-35V561MIEE) |
| :--- | :--- | :--- |
| **Temp Range** | 85°C | 105°C - 125°C |
| **Stability** | Moderate | High stability over frequency |
| **Lifespan** | Standard | Extended life at high load |
---
- ⤷
What is the exact physical footprint (diameter and height) for the IEE case size?
- ⤷ Can this capacitor be used in AC circuits?
- ⤷ What are the recommended storage conditions to prevent electrolyte dry-out?