HT-35V151MG10-R2
AI

The part number **HT-35V151MG10-R2** refers to a specific **Surface Mount (SMT) Aluminum Electrolytic Capacitor**. These components are widely used for power management and filtering in electronic circuits.
Below is a breakdown of the specifications and characteristics of this component.
---
### 1. Specification Breakdown
The alphanumeric code follows a standard industry naming convention:
| Code Segment | Meaning | Specification |
|:--- |:--- |:--- |
| **HT** | Series Code | High Temperature / Standard Low Impedance |
| **35V** | Voltage Rating | 35 Volts (Maximum DC Working Voltage) |
| **151** | Capacitance Code | 150 µF (15 + one zero) |
| **M** | Tolerance | ±20% |
| **G10** | Case Size | ~8mm x 10mm (Diameter x Height) |
| **R2** | Packaging | Reel / RoHS 2 Compliant |
---
### 2. Technical Characteristics
* **Capacitance:** 150 Microfarads (µF). This value determines how much energy the capacitor can store and its effectiveness in smoothing voltage ripples.
* **Voltage:** 35V DC. It is recommended to operate this part at roughly 80% of its rated voltage (approx. 28V) for long-term reliability.
* **Form Factor:** V-Chip (Surface Mount Device). These are designed to be soldered directly onto the top of a PCB using reflow soldering.
* **Electrolyte:** Liquid electrolyte inside an aluminum can, sealed with a rubber gasket at the bottom.
---
### 3. Applications and Usage
This specific capacitor is typically found in the following scenarios:
1. **Power Supply Filtering:** Used on the output stage of DC-DC converters to reduce noise.
2. **Decoupling:** Providing a local energy reservoir for integrated circuits to prevent voltage drops during high current demands.
3. **Consumer Electronics:** Found in LED drivers, motherboard peripherals, and telecommunications equipment.
---
### 4. Comparison Table: Electrolytic vs. Ceramic (MLCC)
Since this is an electrolytic part, it differs significantly from standard ceramic capacitors:
| Feature | Aluminum Electrolytic (HT-35V151) | Ceramic (MLCC) |
|:--- |:--- |:--- |
| **Polarity** | Polarized (Must be installed correctly) | Non-Polarized |
| **Capacitance Density** | High (150µF in a small footprint) | Low to Medium |
| **ESR (Resistance)** | Higher | Very Low |
| **Lifespan** | Finite (Dry-out over time) | Very Long |
---
- ⤷
What are the temperature ratings for the HT series capacitors?
- ⤷ How do I identify the positive and negative terminals on an SMD electrolytic capacitor?
- ⤷ What is the recommended reflow soldering profile for this G10 case size?