HT-25V560MF61-R2
AI

The part number **HT-25V560MF61-R2** typically refers to a **Surface Mount (SMT) Aluminum Electrolytic Capacitor**. These components are widely used in power management and signal filtering circuits.
---
### 1. Technical Specification Breakdown
Based on standard industry naming conventions for high-temperature electrolytic capacitors, here is the breakdown of the specifications:
| Parameter | Value / Description |
|:---|:---|
| **Capacitance** | 560 $\mu$F (Microfarads) |
| **Voltage Rating** | 25V DC |
| **Type** | Aluminum Electrolytic (V-Chip / SMD) |
| **Tolerance** | ±20% (Standard for electrolytic) |
| **Temperature Range** | Typically -55°C to +105°C (HT series) |
| **Form Factor** | SMD / V-Chip (Surface Mount) |
| **Case Size Code** | F61 (Refers to diameter x height, e.g., 8x10.5mm or similar) |
---
### 2. Key Features
* **Polarized Component:** This capacitor has a specific polarity (Positive and Negative). Incorrect installation can lead to component failure or explosion.
* **Low ESR Potential:** HT series capacitors are often designed for low Equivalent Series Resistance, making them suitable for high-frequency switching power supplies.
* **Reflow Solder Compatible:** Designed to withstand the high temperatures of automated SMT reflow ovens.
* **High Ripple Current:** Capable of handling significant AC current superimposed on the DC voltage, which is essential for smoothing power rails.
---
### 3. Common Applications
This specific part (25V, 560$\mu$F) is commonly found in:
1. **DC-DC Converters:** Used for input and output filtering to reduce voltage ripple.
2. **Motherboards/Peripherals:** Providing local "bulk" capacitance for CPUs or GPUs.
3. **LED Drivers:** Smoothing the current to prevent flickering.
4. **Telecommunications:** Power stabilizing in networking equipment.
---
### 4. Footprint and Identification
On the physical component, you will usually see:
* A dark band (usually black or blue) marking the **Negative (-)** terminal.
* "560" indicating the capacitance.
* "25V" indicating the maximum operating voltage.
- ⤷
What are the physical dimensions associated with the F61 case code?
- ⤷ Can I replace this capacitor with one that has a higher voltage rating
- ⤷ such as 35V?
- ⤷ What is the expected lifetime of this capacitor at its maximum rated temperature?