AI

The part number **HT-16V820MF61E-R2** refers to a **Conductive Polymer Aluminum Solid Electrolytic Capacitor**. These components are widely used in modern electronics for power filtering due to their superior performance compared to traditional liquid electrolytic capacitors.
---
### 1. Technical Specifications
Based on the standard nomenclature for this series, here are the primary technical characteristics:
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Capacitance** | 820 µF | The amount of charge the capacitor can store. |
| **Voltage Rating** | 16 V | The maximum continuous DC voltage it can handle. |
| **Type** | Polymer Solid | Uses a solid conductive polymer instead of liquid electrolyte. |
| **Case Size** | Φ6.3 x 11 mm (approx) | Defined by the "F61E" code (varies by manufacturer). |
| **Tolerance** | ±20% (M) | Standard industry tolerance for capacitance. |
| **Mounting Type** | Radial Through-Hole | Leads extend from the bottom for PCB insertion. |
---
### 2. Key Features & Advantages
Solid polymer capacitors like this one offer specific benefits over standard "wet" electrolytic capacitors:
* **Low ESR (Equivalent Series Resistance):** This allows the capacitor to handle high ripple currents and reduces heat generation during high-frequency operation.
* **Temperature Stability:** Unlike liquid capacitors, the capacitance remains stable even at sub-zero temperatures.
* **Longevity:** They do not "dry out" over time, leading to a significantly longer operational lifespan (often rated for 2,000 to 5,000 hours at 105°C).
* **Safety:** They are less likely to explode or leak because they contain no liquid.
---
### 3. Application Use Cases
This specific rating (16V, 820µF) is commonly found in the following circuits:
1. **Motherboards & GPUs:** Used in the VRM (Voltage Regulator Module) sections to stabilize voltage to the CPU/GPU.
2. **Switching Power Supplies:** Filtering output noise in DC-DC converters.
3. **Telecommunications:** Used in base stations and networking gear for high-reliability power management.
4. **Audio Equipment:** Provides clean power rails for high-fidelity audio circuits.
---
### 4. Part Number Breakdown (Typical)
While naming conventions vary slightly by brand (e.g., CapXon, Lelon, or others), the code generally breaks down as follows:
* **HT:** Series Name (High Temperature / Low ESR series).
* **16V:** Rated Voltage (16 Volts).
* **820:** Capacitance value in microfarads (µF).
* **M:** Tolerance (±20%).
* **F61E:** Case size and lead spacing code.
* **R2:** Packaging code (e.g., Taped or specific lead cut).
- ⤷
What is the ripple current rating for this specific capacitor series?
- ⤷ Can this polymer capacitor be used as a direct replacement for a standard 16V 820uF liquid electrolytic?
- ⤷ What are the soldering temperature limits for 'HT' series solid capacitors?