HT-10V331MG10Q-R2
AI

The part number **HT-10V331MG10Q-R2** refers to a **Surface Mount (SMD) Aluminum Electrolytic Capacitor**. These components are essential for power management and signal filtering in electronic circuits.
Below is a detailed breakdown of its specifications based on the standard alphanumeric coding for such components:
### 1. Technical Specifications
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Component Type** | Aluminum Electrolytic | Uses an electrolyte liquid/gel and aluminum foil. |
| **Capacitance** | 330 µF | Indicated by "331" (33 followed by 1 zero). |
| **Voltage Rating** | 10V | Maximum DC working voltage. |
| **Tolerance** | ±20% | Indicated by "M" (Standard for electrolytic caps). |
| **Case Size** | G10 (8 x 10 mm) | Physical dimensions (Diameter x Height). |
| **Mounting Type** | SMD / V-Chip | Designed for surface mount technology. |
| **Packaging** | Reel (-R2) | Supplied on a tape and reel for automated assembly. |
---
### 2. Part Number Breakdown
Understanding the alphanumeric string helps in identifying the specific characteristics of the capacitor:
* **HT**: Usually denotes the **Series**. HT series are typically "High Temperature" or low-impedance series depending on the manufacturer (often associated with brands like Huatong or Lelon equivalents).
* **10V**: The rated **Voltage** (10 Volts).
* **331**: The **Capacitance code**. The first two digits (33) are the value, and the third (1) is the multiplier. $33 \times 10^1 = 330$ microfarads (µF).
* **M**: The **Tolerance** code ($M = \pm20\%$).
* **G10**: The **Case Size Code**. In many manufacturer catalogs, "G" represents a diameter (8mm) and "10" represents the height (10mm or 10.2mm).
* **Q**: Often refers to a specific **internal requirement** or environmental compliance (like RoHS/Reach/Halogen-Free).
* **R2**: Refers to the **Packaging Type**, specifically Tape & Reel (13-inch or 15-inch reel).
---
### 3. Key Applications
Because this is a 330µF/10V SMD capacitor, it is commonly used in:
* **DC-DC Converters:** For smoothing output ripples.
* **Decoupling:** Placed near ICs to provide a local energy reservoir.
* **Consumer Electronics:** Found in motherboards, routers, and LED drivers.
* **Audio Circuits:** Used for DC blocking or power rail filtering.
### 4. Comparison Table (Aluminum vs. Tantalum)
In many designs, you might compare this part to a Tantalum equivalent:
| Feature | Aluminum (HT-10V331) | Tantalum |
| :--- | :--- | :--- |
| **Cost** | Low | High |
| **Failure Mode** | Dries out over time | Short circuit (can catch fire) |
| **ESR** | Moderate | Very Low |
| **Size** | Larger height profile | Very low profile |
---
- ⤷What is the expected lifespan of the HT series at its maximum rated temperature?
- ⤷ Are there low-ESR alternatives for this specific capacitor size?
- ⤷ What is the recommended solder reflow profile for this SMD component?