HT-10V331MG10EN-R2
AI

Based on the part number **HT-10V331MG10EN-R2**, this electronic component is an **Aluminum Electrolytic Capacitor**. Specifically, it belongs to a surface-mount (SMD) series designed for general-purpose applications requiring high stability and low impedance.
### Technical Specification Breakdown
The alphanumeric code can be broken down into specific electrical and physical parameters:
| Component Code Segment | Description | Value/Detail |
| :--- | :--- | :--- |
| **HT** | Series Code | High Temperature / Standard SMD Series |
| **10V** | Voltage Rating | 10 Volts DC (Maximum working voltage) |
| **331** | Capacitance Code | 330 µF (33 + 1 zero) |
| **M** | Tolerance | ±20% |
| **G10** | Case Size Code | Typically 8mm x 10mm or 8.3mm x 10.5mm |
| **EN** | Packaging/Internal Code | Standard Taping / Environmental compliance |
| **R2** | RoHS / Revision | Lead-free, RoHS compliant |
---
### Key Features and Characteristics
#### 1. Capacitance and Voltage
With a capacitance of **330µF** and a rated voltage of **10V**, this capacitor is typically used for decoupling, filtering, and smoothing in low-voltage DC circuits (such as 3.3V or 5V rails).
#### 2. Form Factor (SMD)
The "V-Chip" style construction allows for automated SMT (Surface Mount Technology) assembly. The cylindrical aluminum body is mounted on a plastic base for stability during reflow soldering.
#### 3. Polarity
As an electrolytic capacitor, this is a **polarized** component. The negative terminal is usually marked with a dark stripe on the top of the aluminum casing.
#### 4. Temperature Rating
Parts in the "HT" or similar series are generally rated for an operating temperature range of **-40°C to +105°C**, making them suitable for industrial and consumer electronics.
---
### Common Applications
* **Power Management:** Smoothing ripple current in DC-DC converters.
* **Consumer Electronics:** Used in motherboards, monitors, and telecommunication devices.
* **Bypass Filtering:** Removing noise from power supply lines to protect sensitive ICs.
- ⤷What is the ripple current rating for the HT-10V331MG10EN-R2?
- ⤷ What are the footprint dimensions for the G10 case size?
- ⤷ Can this capacitor be used in a 12V circuit?