HT-10V331MG10-R2
AI

The part number **HT-10V331MG10-R2** refers to a **Surface Mount (SMD) Aluminum Electrolytic Capacitor**. These components are widely used in power management and filtering circuits due to their high capacitance-to-volume ratio.
---
### 1. Part Number Breakdown
While naming conventions vary slightly by manufacturer (often associated with brands like Huatong or Lelon), the alphanumeric string typically breaks down as follows:
| Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **HT** | Series Code | High-Temperature / Standard Low Impedance series |
| **10V** | Rated Voltage | **10 Volts** (Maximum continuous operating voltage) |
| **331** | Capacitance Code | **330 µF** (33 followed by one zero, in picofarads/microfarads) |
| **M** | Tolerance | **±20%** (Standard industry tolerance for electrolytics) |
| **G10** | Case Size | Refers to dimensions (typically **8x10mm** or similar) |
| **R2** | Packaging | Tape & Reel (for automated SMT assembly) |
---
### 2. Technical Specifications
Based on standard industry data for this type of V-Chip (vertical chip) capacitor:
* **Type:** Aluminum Electrolytic (Polarized)
* **Mounting Type:** Surface Mount (SMD / SMT)
* **Capacitance:** 330 microfarads (µF)
* **Voltage Rating:** 10V DC
* **Operating Temperature Range:** Generally -40°C to +105°C
* **Lifetime:** Often rated for 2,000 to 5,000 hours at maximum temperature.
---
### 3. Key Features and Applications
These capacitors are essential for stabilizing power and smoothing signals.
#### Common Features:
* **Low Profile:** Designed for flat PCB mounting.
* **Reflow Solder Compatible:** Can withstand the high heat of automated soldering ovens.
* **Polarity:** Must be installed correctly; the negative side is usually marked with a black or colored stripe on the top of the can.
#### Common Applications:
1. **DC-DC Converters:** Filtering output ripples to provide clean power.
2. **Consumer Electronics:** Used in TVs, game consoles, and computer motherboards.
3. **Telecommunications:** Power supply decoupling in routers and switches.
4. **LED Lighting:** Drivers and control circuits.
---
### 4. Comparison with Alternatives
| Feature | Aluminum Electrolytic (HT-10V331) | Tantalum Capacitor | Ceramic (MLCC) |
| :--- | :--- | :--- | :--- |
| **Cost** | Low | High | Medium |
| **Capacitance** | High | Medium | Low to Medium |
| **Stability** | Moderate | Very High | High |
| **Risk** | Can dry out over years | Can fail short-circuit/fire | Brittle (cracking) |
---
### Usage Note:
When replacing this part, ensure the **Voltage (10V)** and **Capacitance (330µF)** match. You can use a higher voltage rating (e.g., 16V or 25V) if space permits, but never a lower voltage rating.
- ⤷What are the physical dimensions associated with the G10 case size?
- ⤷ Can I replace this capacitor with a 330uF 16V version?
- ⤷ How do I identify the negative terminal on this SMD capacitor?