HSP-23-R
AI

The **HSP-23-R** is a specialized electronic component, most commonly identified as a **Micro-Switch** or **Snap Action Switch**, frequently utilized in industrial automation, security systems, and high-precision mechanical sensing.
---
### 1. Key Technical Specifications
The electrical characteristics of the HSP-23-R define its load-bearing capacity and operational limits:
| Parameter | Value / Specification |
| :--- | :--- |
| **Switch Type** | Snap Action Micro-Switch |
| **Contact Configuration** | SPDT (Single Pole Double Throw) |
| **Current Rating** | Typically 3A to 5A (model dependent) |
| **Voltage Rating** | 125V AC / 250V AC |
| **Actuator Type** | Pin Plunger or Lever-type |
| **Termination Style** | Solder Terminals / Quick Connect |
---
### 2. Internal Electronic Construction
The device consists of three primary internal mechanisms that govern its performance:
1. **The Contact Material:** Usually made of silver alloy to ensure high conductivity and minimize oxidation over thousands of cycles.
2. **Snap-Action Spring:** A beryllium copper or stainless steel leaf spring that ensures a rapid transition between contacts, minimizing "arcing" (electrical sparks) that can damage the switch.
3. **Insulation Housing:** Constructed from high-temp thermoplastic (like PBT or Phenolic resin) to provide high dielectric strength and prevent short circuits.
---
### 3. Circuit Configuration (SPDT)
The HSP-23-R typically features three terminals:
* **COM (Common):** The input terminal where power enters.
* **NO (Normally Open):** The circuit is broken until the button is pressed.
* **NC (Normally Closed):** The circuit is continuous until the button is pressed.
```mermaid
graph LR
A[Common] --- B{Internal Switch}
B -- Default --| NC[Terminal 1]
B -- Actuated --| NO[Terminal 2]
```
---
### 4. Common Applications
Due to its reliability, the HSP-23-R is used in:
* **End-stops:** In 3D printers or CNC machines to signal the limit of travel.
* **Safety Interlocks:** On microwave doors or industrial machinery guards.
* **Pressure Sensing:** Acting as a trigger for fluid or air pressure diaphragms.
- ⤷
What are the mechanical life expectancy ratings for the HSP-23-R?
- ⤷ How do I wire this switch for a 'normally closed' safety circuit?
- ⤷ Are there waterproof versions (IP67) of this specific switch model?