HSP-1E-R
AI

The **HSP-1E-R** is a specialized electronic component, primarily recognized as a **high-precision, single-element piezoelectric pressure transducer** (often associated with manufacturers like Kulite or similar industrial sensor brands). It is designed to convert mechanical pressure into an electrical signal with high stability.
---
### 1. Key Technical Specifications
Below are the typical electronic and physical characteristics of this component:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Sensor Type** | Piezoresistive / Silicon on Silicon |
| **Input Voltage** | 10VDC (Excitation) |
| **Output Signal** | Millivolt (mV) range (e.g., 100mV FS) |
| **Pressure Range** | Varies by sub-model (typically 10 to 500 PSI) |
| **Operating Temp** | -55°C to +175°C |
| **Bridge Impedance** | ~1000 Ohms (Input/Output) |
---
### 2. Electronic Core Components
The device functions through a series of integrated electronic structures:
#### A. The Wheatstone Bridge
The heart of the HSP-1E-R is a **Full Wheatstone Bridge** circuit.
- Four strain gauges are diffused into a silicon diaphragm.
- As pressure deforms the diaphragm, the resistance of the gauges changes.
- The circuit converts this resistance change into a differential voltage output.
#### B. Compensation Network
The "R" in the suffix often denotes a specific **Reference** or **Resistor-compensated** model. Internal electronics include:
- **Thermal Compensation:** Miniature resistors are laser-trimmed to ensure the sensor remains accurate as temperatures fluctuate.
- **Zero Balance:** Ensures that at zero pressure, the electrical output is as close to 0mV as possible.
#### C. Electrical Interface
The sensor typically uses a 4-wire configuration:
1. **+ Excitation** (Red)
2. **- Excitation** (Black)
3. **+ Output/Signal** (Green)
4. **- Output/Signal** (White)
---
### 3. Structural Design
The electronics are housed in a ruggedized casing to protect the sensitive silicon element:
* **Diaphragm:** A micro-machined silicon sensor.
* **Header:** Provides hermetic sealing for the internal electrical connections.
* **Protection:** Often includes a screen or "B-screen" to prevent physical particles from damaging the internal electronic traces.
---
### 4. Typical Applications
Due to its high frequency response and small form factor, it is used in:
- **Aerospace:** Monitoring engine turbine pressures.
- **Wind Tunnel Testing:** Measuring rapid air pressure fluctuations.
- **Automotive:** High-performance brake or oil system monitoring.
- ⤷
What is the maximum frequency response of the HSP-1E-R sensor?
- ⤷ How do I calibrate a millivolt output pressure transducer?
- ⤷ What are the wiring color codes for standard industrial pressure sensors?