HSP-13-R
AI

The **HSP-13-R** is an electronic component primarily classified as a **horizontal-type push-button switch**. These components are widely used in consumer electronics, automotive interiors, and industrial control panels due to their tactile feedback and reliable switching mechanism.
---
### 1. Technical Specifications
The HSP-13-R is designed for low-power signal switching. Below are the typical technical parameters:
| Feature | Specification |
|:---|:---|
| **Switch Type** | Push Button (Horizontal) |
| **Circuit Type** | SPST (Single Pole Single Throw) or SPDT |
| **Mounting Type** | Through-hole / SMT (Surface Mount) |
| **Contact Resistance** | ≤ 100mΩ |
| **Insulation Resistance** | ≥ 100MΩ (at 250V DC) |
| **Operating Force** | 160gf to 250gf (typical) |
| **Life Cycle** | 10,000 to 50,000 cycles |
---
### 2. Key Internal Components
To understand the "electronic parts" of the HSP-13-R, we must look at its internal construction:
* **Actuator (Stem):** The physical part the user presses. Usually made of high-temperature plastic (LCP or Nylon).
* **Contact Dome/Spring:** A metallic leaf (often phosphor bronze or stainless steel) that snaps down to complete the circuit when pressed. This provides the "click" sound.
* **Terminals:** The conductive metal legs that connect the switch to the PCB. These are usually silver-plated to ensure high conductivity and prevent oxidation.
* **Base/Housing:** The frame that holds all internal parts together, typically made of heat-resistant thermoplastic to withstand soldering temperatures.
---
### 3. Footprint and Pinout
The HSP-13-R generally follows a horizontal orientation, meaning the button is pressed parallel to the PCB surface rather than vertically.
```text
PCB Layout View (Example):
[ Terminal 1 ] ---- ( Internal Switch ) ---- [ Terminal 2 ]
| |
[ Pin A ] [ Pin B ]
```
---
### 4. Common Applications
* **Audio/Visual Equipment:** Mode selection buttons on cameras or MP3 players.
* **Household Appliances:** Power buttons on small handheld devices.
* **Communication Devices:** Reset buttons or function toggles on routers and modems.
- ⤷
What is the maximum current rating for the HSP-13-R?
- ⤷ Is the HSP-13-R available in a waterproof (IP67) version?
- ⤷ What is the difference between the 'R' suffix and other variants in this series?