HSP-12-R
AI

The **HSP-12-R** typically refers to a high-current, horizontal-mount screw terminal (bus bar connector) manufactured by companies like **ERNI (TE Connectivity)** or similar power electronic component suppliers. These are part of the "PowerElement" series designed to provide high-amperage connections directly to a Printed Circuit Board (PCB).
---
### 1. Key Technical Specifications
The "HSP" designation usually denotes high-current capability and specific mechanical orientation.
| Feature | Typical Specification |
| :--- | :--- |
| **Current Rating** | Up to 130A - 200A (Depending on PCB design) |
| **Material** | Copper Alloy / Brass with Tin Plating |
| **Connection Type** | Screw Terminal (M5 or M6 typically) |
| **Mounting Style** | Press-fit or Solder (90° Horizontal) |
| **Operating Temp** | -55°C to +150°C |
---
### 2. Core Electronic Functions
The HSP-12-R is not an active component (like a transistor) but a **passive power interconnect**. Its primary roles include:
* **Power Distribution:** Acting as a bridge between heavy-gauge external cables and the copper traces of a PCB.
* **Low Resistance Path:** Engineered with extremely low contact resistance to prevent heat buildup during high-current transfers.
* **Mechanical Stability:** The "R" often signifies a Right-Angle (90 degree) configuration, allowing cables to be bolted parallel to the board, reducing the vertical profile of the assembly.
---
### 3. Structural Breakdown
* **The Body:** A solid block of conductive metal (usually tin-plated brass) that provides the mass needed to handle high thermal loads.
* **Press-fit Pins:** These parts utilize multiple elastic pins that are pressed into PCB plated-through holes. This creates a "cold weld" connection that is more vibration-resistant than standard soldering.
* **Threaded Interface:** An internal thread (the "12" in some naming conventions refers to the size or pin count) allows a bolt to secure a ring terminal or bus bar.
---
### 4. Common Applications
These parts are found in industrial environments where high power density is required:
1. **Automotive Inverters:** Connecting battery leads to the motor controller.
2. **Power Supplies:** High-wattage server power units.
3. **Battery Management Systems (BMS):** Handling the main charging/discharging lines.
4. **Industrial Automation:** Powering heavy-duty relays and motor drives.
- ⤷
What is the maximum torque specification for the screw terminal on the HSP-12-R?
- ⤷ How does press-fit technology differ from wave soldering for these high-current parts?
- ⤷ Can the HSP-12-R be used in dual-layer or multi-layer PCB designs?