công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • HRS-54-R

  • AI
    The **HRS-54-R** refers to a specific series of high-performance, compact **Electromagnetic Relays** manufactured by HKE (Zhejiang HKE Relay Co., Ltd). These components are widely used in consumer electronics, automotive systems, and industrial controls. --- ## 1. Technical Specifications The "HRS-54-R" series typically features the following electronic characteristics: | Parameter | Typical Value | | :--- | :--- | | **Contact Form** | 1 Form A (SPST-NO) or 1 Form C (SPDT) | | **Contact Rating** | 5A to 12A @ 250VAC / 30VDC | | **Coil Voltage (DC)** | 3V, 5V, 6V, 9V, 12V, 24V, 48V | | **Nominal Power** | Approximately 360mW to 450mW | | **Dielectric Strength** | 1,000VAC (between open contacts) | | **Operating Temperature** | -30°C to +85°C | --- ## 2. Key Internal Components The electronic functionality of the HRS-54-R relies on several internal parts: 1. **Electromagnetic Coil:** A copper wire winding that generates a magnetic field when DC current passes through it. 2. **Armature:** A moving iron part attracted by the magnetic field, which mechanically toggles the contacts. 3. **Contacts:** Usually made of **Silver Alloy (AgSnO2 or AgNi)**. These are the points that open or close the electrical circuit. 4. **Spring Mechanism:** Returns the armature to its original position once power is removed from the coil. 5. **Sealed Enclosure:** The "R" in the suffix often denotes a **Resin Sealed (Wash Tight)** construction, protecting the internal electronics from flux and environmental contaminants. --- ## 3. Terminal Layout (Pinout) Most HRS-54-R models follow a standard Subminiature Sugar Cube footprint: * **Pins 1 & 2:** Coil Terminals (Non-polarized). * **Pin 3:** Common (COM) terminal. * **Pin 4:** Normally Closed (NC) - *Only in 1 Form C models*. * **Pin 5:** Normally Open (NO). --- ## 4. Common Applications Due to its small size and high switching capacity, it is frequently found in: * **Household Appliances:** Air conditioners, microwave ovens, and washing machines. * **Office Automation:** Photocopiers and printers. * **Smart Home:** Smart plugs and lighting controllers.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 1 Form A and 1 Form C contact configurations?
    • ⤷ How do I calculate the flyback diode needed for this relay coil?
    • ⤷ What are the PCB mounting dimensions for the HRS-54-R?