công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • HPV-0-R/P7

  • AI
    The **HPV-0-R/P7** refers to a high-performance proportional valve controller, typically utilized in hydraulic systems to bridge the gap between electronic control signals (PLCs, Joysticks) and hydraulic power. Below is an explanation of its electronic components and specifications. --- ### 1. Electronic Functional Blocks The electronics inside the HPV-0-R/P7 are designed for precision current control. | Component Block | Description | | :--- | :--- | | **PWM Driver** | Uses Pulse Width Modulation to control the solenoid. PWM reduces heat buildup and prevents "stiction" in the valve spool. | | **Dither Circuit** | Superimposes a high-frequency vibration on the output current to keep the valve spool in constant micro-motion, ensuring immediate response. | | **Input Interface** | Accepts various control signals (typically 0-10V, 4-20mA, or ±10V) and converts them into a command signal. | | **Ramp Generators** | Internal potentiometers or logic that control the "soft start" and "soft stop" (acceleration/deceleration) of the valve. | --- ### 2. Technical Specifications The "P7" designation often refers to specific pressure or power ratings within the series. * **Supply Voltage:** Usually 12V DC or 24V DC (system dependent). * **Input Impedance:** High impedance for voltage inputs to prevent signal loading. * **Output Current:** Adjusted via the P7 calibration to match the solenoid's maximum current (e.g., 0–2.5A). * **Protection Rating:** Typically IP65 or IP67, protecting the electronics from hydraulic fluid and dust. --- ### 3. Pin Configuration & Connection Standard electronic integration involves several key terminals: 1. **Power (+) / GND (-):** Main DC power supply. 2. **Command Signal:** The input from the joystick or controller. 3. **Solenoid A / Solenoid B:** The output wires leading directly to the proportional coils. 4. **Enable Pin:** An electronic interlock that must be pulled high/low to allow the valve to operate. --- ### 4. Tuning and Calibration The electronic board features adjustable **Trimmer Potentiometers** used for field tuning: * **I-Min (Offset):** Sets the minimum current to move the spool just past the deadband. * **I-Max (Gain):** Sets the maximum current to reach full hydraulic flow. * **Ramp Up/Down:** Adjusts how quickly the electronics react to a sudden change in input signal.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring diagrams for the P7 variant?
    • ⤷ How do I troubleshoot a 'no output' signal on this controller?
    • ⤷ Can this controller handle dual-solenoid configurations?