công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • HPP-11-R

  • AI
    ## Overview of the HPP-11-R The **HPP-11-R** is a high-precision digital pressure controller (often referred to as a pressure transducer or regulator) manufactured by companies like **Koganei**. It is designed for precise pneumatic control in automation and semiconductor manufacturing. The "electronic parts" of this device consist of the internal sensing elements, the processing unit, and the I/O interface components that allow it to communicate with a PLC or computer. --- ### Core Electronic Components The device operates as an integrated mechatronic system. Below is a breakdown of its primary electronic sections: | Component Type | Part Description | Function | | :--- | :--- | :--- | | **Pressure Sensor** | Silicon Piezoresistive Bridge | Converts physical air pressure into a differential millivolt signal. | | **Microprocessor** | 16/32-bit MCU | Handles PID control loops, signal filtering, and logic processing. | | **A/D Converter** | Analog-to-Digital Converter | Translates the sensor's analog voltage into digital data for the CPU. | | **Display Unit** | 3-digit/4-digit LED/LCD | Provides real-time pressure readings and error codes to the operator. | | **I/O Interface** | M12 Connector or Lead Wires | Handles 24V DC power input and 4-20mA or 0-10V signals. | | **Output Drivers** | NPN/PNP Transistors | Provides discrete switch outputs for "Pressure Reached" or "Error" signals. | --- ### Technical Specifications (Electronic) Understanding the electronic behavior requires looking at the electrical ratings typically found in the HPP-11 series: * **Power Supply:** 12 to 24V DC (±10% ripple). * **Current Consumption:** Usually ≤ 50mA. * **Analog Output:** Typically 1 to 5V DC or 4 to 20mA (Linearity ±1% F.S.). * **Switch Output:** NPN or PNP open collector (Max load approx. 80mA). * **Response Time:** Electronically adjustable, typically < 2.0ms. --- ### Electronic Control Logic The HPP-11-R utilizes a **closed-loop feedback system**: 1. **Input Signal:** The user sends a target pressure via a voltage signal or manual buttons. 2. **Sensing:** The internal silicon sensor monitors the current downstream pressure. 3. **Comparison:** The Microprocessor compares the target vs. actual pressure. 4. **Correction:** The CPU sends a high-speed signal to the internal solenoid valves (electronic actuators) to adjust the air flow until the error is zero. --- ### Wiring Configuration | Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown** | DC (+) | Positive Power Supply (12-24V) | | **Blue** | DC (-) | Common Ground (0V) | | **Black** | Switch Out 1 | Digital output for pressure thresholds | | **White** | Analog Out | 1-5V or 4-20mA monitoring signal |
    ✨ Follow-up Questions
    • ⤷ What is the difference between the NPN and PNP wiring versions of the HPP-11-R?
    • ⤷ How do you calibrate the zero-point on this electronic pressure controller?
    • ⤷ What are the common error codes displayed on the HPP-11-R electronic interface?