công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • HPE-13-R

  • AI
    The **HPE-13-R** (often associated with High-Power Electronic components or specific power supply modules) generally refers to a high-density, rail-mounted, or pluggable power conversion unit used in industrial automation or server environments. Below is a breakdown of the typical electronic components and technical specifications found in this class of hardware. --- ### 1. Core Electronic Components High-power modules like the HPE-13-R are composed of several critical stages to manage energy conversion and protection: | Component Category | Specific Parts | Function | |:---|:---|:---| | **Power Conversion** | MOSFETs / IGBTs | Switching components that convert DC/AC voltages at high frequency. | | **Magnetics** | Ferrite Core Transformers | Provides galvanic isolation and steps voltage up or down. | | **Filtering** | Low-ESR Electrolytic Capacitors | Smooths out ripples in the output voltage for stable power. | | **Protection** | TVS Diodes & Varistors | Protects the internal circuitry from voltage spikes and surges. | | **Control Logic** | PWM Controller IC | Manages the pulse-width modulation to maintain a constant output under load. | --- ### 2. Technical Specifications The "13" in the series often denotes a specific wattage or amperage class, while the "R" typically signifies **Redundancy** or **Rack-mount** capability. * **Input Stage:** Usually features a wide-range input (e.g., 90V to 264V AC) or standard 24V/48V DC depending on the specific industrial application. * **Output Stability:** Designed for low noise and high precision (typically ±1% voltage regulation). * **Thermal Management:** Internal components are usually coupled with high-grade thermal pads to an aluminum heat sink or forced-air cooling system. --- ### 3. Circuit Block Diagram The electronic flow inside an HPE-13-R module follows this logical progression: ```mermaid graph LR A[Input Filter/EMI] --> B[Rectification] B --> C[DC-DC Switching Stage] C --> D[Isolation Transformer] D --> E[Output Rectification/Filtering] E --> F[Feedback Loop/Optocoupler] F --> C ``` ### 4. Safety and Interface Features * **Hot-Swap Protection:** Includes OR-ing diodes or "Ideal Diode" MOSFETs to allow the part to be replaced without shutting down the system. * **Status Indicators:** Usually equipped with SMD LEDs (Green for Power OK, Red for Fault). * **Communication:** May include an **I2C** or **PMBus** interface for digital monitoring of temperature, current, and voltage levels. ---
    ✨ Follow-up Questions
    • ⤷What is the specific input voltage range for the HPE-13-R?
    • ⤷ Does the HPE-13-R support PMBus for remote monitoring?
    • ⤷ What are the common failure modes for this power module?