HPC073N-R56MTR
AI

The **HPC073N-R56MTR** is a high-current, surface-mount (SMD) power inductor. It is commonly used in DC-DC converters and power management modules where high efficiency and low electromagnetic interference (EMI) are required.
---
### 1. Technical Specifications
The following table outlines the primary electrical and physical characteristics of this component:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.56 µH |
| **Tolerance** | ±20% (M) |
| **DC Resistance (DCR)** | ~1.8 mΩ (Max) |
| **Saturation Current (Isat)** | ~25A - 30A |
| **Heat Rating Current (Irms)** | ~18A - 22A |
| **Package Size** | 7.0 x 3.0 mm (approx.) |
| **Operating Temp** | -40°C to +125°C |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps in identifying the component's capabilities:
* **HPC**: Series designation (High Power/Current Inductor).
* **073N**: Physical dimensions (approx. 7mm length/width, 3mm height).
* **R56**: Inductance value (R represents the decimal point: 0.56 microhenries).
* **M**: Tolerance (M = ±20%).
* **TR**: Packaging format (Tape & Reel).
---
### 3. Key Features
* **Shielded Construction:** Designed to minimize magnetic flux leakage, reducing interference with surrounding components.
* **Low DCR:** The low DC resistance minimizes power loss through heat, making it ideal for high-efficiency battery-operated devices.
* **High Saturation Current:** It can handle significant current spikes without the inductance dropping off sharply.
* **Composite Core:** Usually constructed using a metal alloy powder core, providing better stability over temperature compared to traditional ferrite.
---
### 4. Common Applications
This inductor is typically found in the following electronic circuits:
1. **Voltage Regulator Modules (VRM):** For CPU and GPU power supplies.
2. **Point of Load (POL) Converters:** Decentralized power conversion on motherboards.
3. **Battery Powered Devices:** High-end tablets, laptops, and portable medical equipment.
4. **Automotive Electronics:** Infotainment systems and ADAS sensors.
- ⤷
What are the equivalent alternatives to the HPC073N-R56MTR from other manufacturers?
- ⤷ How does the metal alloy core differ from a standard ferrite core in this inductor?
- ⤷ What is the specific footprint/land pattern recommended for soldering this part?