công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • HPC073N-R36MTR

  • AI
    The **HPC073N-R36MTR** is a high-performance, surface-mount (SMD) power inductor commonly used in DC-DC converter applications. It belongs to a class of "molded" inductors designed for high current density and low acoustic noise. --- ### 1. Technical Specifications The part number follows a specific nomenclature used by manufacturers (typically associated with brands like **Taiyo Yuden** or similar power component specialists). | Parameter | Value / Specification | | :--- | :--- | | **Inductance** | 0.36 µH (indicated by "R36") | | **Tolerance** | ±20% (indicated by "M") | | **Case Size** | 073 (approx. 7.0 x 6.6 x 3.0 mm) | | **Shielding** | Magnetically Shielded (Molded Construction) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Packaging** | Tape & Reel (indicated by "TR") | --- ### 2. Key Internal Components & Materials To understand the "electronic parts" of this inductor, we must look at its physical construction: * **Composite Core:** Unlike traditional ferrite drum cores, this part uses a **metal alloy powder** mixed with a resin. This allows for soft saturation characteristics, meaning the inductance doesn't drop off instantly when current increases. * **Flat Wire Coil:** Often utilizes a flat copper wire (ribbon) rather than round wire. This increases the cross-sectional area, reducing **DCR (DC Resistance)** and allowing for higher current handling. * **Molded Body:** The entire coil is encapsulated in the metal powder composite. This protects the wire and acts as a built-in magnetic shield to prevent Electromagnetic Interference (EMI). --- ### 3. Functional Characteristics The HPC073N series is engineered for specific power performance metrics: 1. **High Saturation Current ($I_{sat}$):** Because of the metal powder core, it can handle high peak currents without the magnetic field "maxing out." 2. **Low DCR:** The low resistance ensures that very little energy is wasted as heat, making it ideal for high-efficiency mobile or server power supplies. 3. **Acoustic Noise Reduction:** The molded construction eliminates the "buzzing" sound (magnetostriction) often heard in traditional shielded inductors under heavy loads. --- ### 4. Typical Applications This component is usually found in the power stage of modern electronics: * **GPU/CPU Voltage Regulators:** Providing stable power to high-speed processors. * **DC-DC Converters:** Used in "Buck" (step-down) converters. * **Server Power Modules:** High-density power environments where space is limited but current demand is high.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternatives to the HPC073N series?
    • ⤷ How does 'soft saturation' in metal powder cores compare to ferrite cores?
    • ⤷ What is the typical current rating (Amps) for a 0.36uH inductor of this size?