HPC042N-R56MTR
AI

The **HPC042N-R56MTR** is a high-performance, surface-mount (SMD) power inductor. These components are critical in modern electronics for energy storage and noise filtering, particularly in high-current power supplies.
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its electrical characteristics and physical dimensions.
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.56 µH (indicated by "R56") |
| **Tolerance** | ±20% (indicated by "M") |
| **DCR (Direct Current Resistance)** | Typically very low (mΩ range) to minimize heat loss |
| **Saturation Current ($I_{sat}$)** | High (typically >10A depending on specific series) |
| **Dimensions** | 4.0 x 4.0 x 2.1 mm (Standard 4020/0420 size) |
| **Package/Case** | Molded Power Inductor (Shielded) |
---
### 2. Key Features
* **Molded Construction:** The inductor uses a metallic powder core molded around the coil. This design provides excellent magnetic shielding, reducing Electromagnetic Interference (EMI).
* **High Current Handling:** Due to the composite core material, it can handle high peak currents without immediate magnetic saturation.
* **Low Profile:** The "042" designation often refers to the small footprint and height, making it ideal for compact mobile devices.
* **Temperature Stability:** Designed to operate efficiently across a wide temperature range (usually -40°C to +125°C).
---
### 3. Application Areas
These inductors are primarily used in **DC-DC Converters** and **Voltage Regulator Modules (VRMs)**. Common applications include:
1. **Consumer Electronics:** Smartphones, tablets, and laptops.
2. **Computing:** Power stages for CPUs and GPUs where high efficiency and high switching frequencies are required.
3. **Automotive:** Infotainment systems and ADAS modules (if AEC-Q200 qualified).
4. **Industrial:** Distributed power systems and compact sensors.
---
### 4. Schematic Representation
In a circuit diagram, the part is represented as an inductor, typically found near the switching IC in a Buck or Boost converter setup.
```spice
* Typical Buck Converter Application
Vin 1 0 DC 12V
SW 1 2 S1 (Switching Node)
L1 2 3 0.56uH ; <--- HPC042N-R56MTR
Cout 3 0 22uF
Rload 3 0 10
```
- ⤷
What are the equivalent alternative parts for the HPC042N-R56MTR from brands like Vishay or TDK?
- ⤷ How does the 'R56' inductance value affect the ripple current in a buck converter?
- ⤷ Does this specific part number comply with AEC-Q200 automotive standards?