công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • HP-R

  • AI
    It appears you are referring to the **HP-R** series (often associated with high-performance power modules or specific HP LaserJet/Server power components). In power electronics, "HP-R" typically refers to **Hot-Pluggable Redundant** power supply components. Below is an overview of the electronic architecture and key parts found in these modules. --- ### 1. Primary Power Conversion Components These parts are responsible for taking the AC mains voltage and converting it into a stable DC rail for the system. | Part Type | Function | Key Components | | :--- | :--- | :--- | | **Input Stage** | Filters noise and protects against surges. | MOV (Metal Oxide Varistors), EMI Filters, Bridge Rectifier. | | **PFC Stage** | Power Factor Correction to improve efficiency. | Large Inductors, Power MOSFETs (SiC often used in high-end), PFC Controller IC. | | **Switching Stage** | Converts DC to high-frequency AC for the transformer. | PWM Controller, Switching Transistors (IGBT or MOSFET). | --- ### 2. The "Redundancy" Circuitry (The 'R' in HP-R) Since these units are designed to work in parallel, they require specific electronic parts to prevent one failing unit from crashing the entire system. * **OR-ing FETs / Diodes:** These allow multiple power supplies to connect to a single bus. If one supply shorts out, the OR-ing controller instantly disconnects it. * **Current Sharing Controller:** An IC that communicates between modules to ensure each power supply carries 50% of the load. * **Hot-Swap Controller:** Manages the inrush current when the module is plugged into a "live" backplane to prevent sparking or voltage dips. --- ### 3. Control and Monitoring Parts Modern HP-R modules are "Intelligent," meaning they have a brain to monitor health and power consumption. * **Microcontroller (MCU):** Often a small ARM or specialized 8-bit chip that monitors temperature and handles the I2C/PMBus communication. * **Optoisolators:** These provide electrical isolation between the high-voltage side and the low-voltage control logic. * **EEPROM:** Stores the firmware, serial numbers, and error logs (Event Logs). --- ### 4. Cooling and Physical Interface * **Variable Speed Fans:** Controlled via PWM based on thermistor readings. * **Gold-Fingered PCB Header:** The "Hot-Plug" connector designed with different pin lengths. The "Ground" pins are longer (connect first), and "Enable" pins are shorter (connect last) to ensure a safe sequence. --- ### Summary of Operation 1. **Rectification:** AC is converted to DC. 2. **Regulation:** The PWM controller maintains a steady 12V or 48V output. 3. **Communication:** The internal MCU talks to the server/printer motherboard via the **PMBus protocol**. 4. **Protection:** If the internal sensors detect an Over-Voltage (OVP) or Over-Temperature (OTP) event, the electronic latch shuts the unit down to protect the system.
    ✨ Follow-up Questions
    • ⤷What is the difference between a standard and a hot-pluggable (HP) power supply?
    • ⤷ How does an OR-ing FET differ from a standard diode in redundant circuits?
    • ⤷ What common electronic failures occur in HP-R power modules?