HMS-2-R/K
AI

The **HMS-2-R/K** is a high-performance **Magnetic Stirrer with Heating** (Hotplate Stirrer) commonly used in laboratory environments. It is engineered to provide precise temperature control and consistent stirring speeds for chemical and biological solutions.
---
### Core Electronic Components and Specifications
The device integrates several key electronic systems to ensure safety and accuracy during operation.
| Component | Description | Function |
| :--- | :--- | :--- |
| **Control System** | Microprocessor-based PID controller | Regulates temperature and speed with high precision. |
| **Display** | Dual Digital LED/LCD Display | Shows real-time temperature (PV) and set values (SV). |
| **Heating Element** | High-density ceramic or alloy plate | Provides rapid heating up to 340°C - 400°C. |
| **Motor Type** | Brushless DC Motor (BLDC) | Ensures long life, low noise, and stable torque at low speeds. |
| **Sensor Port** | External PT1000 connection | Allows for direct liquid temperature monitoring. |
---
### Technical Features
#### 1. Temperature Management
The "K" in the model often refers to the **K-type thermocouple** compatibility or specific controller variants.
* **Accuracy:** Typically within $\pm 1^\circ C$.
* **Safety Circuit:** Independent safety hardware cuts power if the temperature exceeds a fixed limit (usually around 350°C - 420°C).
#### 2. Stirring Mechanism
* **Speed Range:** 100 to 1500+ RPM.
* **Magnetic Drive:** Utilizes high-strength Neodymium magnets to prevent "de-coupling" of the stir bar during high-viscosity applications.
#### 3. Protection Systems
* **Residual Heat Warning:** A "Hot" light stays on after switching off until the plate drops below 50°C.
* **Enclosure:** Rated for IP42 or higher to protect internal electronics from accidental spills.
---
### Internal Wiring & Control Logic
The electronic architecture follows a standard power-regulation loop:
```mermaid
graph LR
A[Power Input] --> B[Transformer/Rectifier]
B --> C[Microprocessor]
C --> D[TRIAC/Relay for Heater]
C --> E[PWM Controller for Motor]
F[PT1000 Sensor] --> C
```
1. **PID Feedback:** The processor calculates the power needed to reach the target temperature without overshoot.
2. **PWM Speed Control:** Pulse Width Modulation is used to maintain constant RPM even as the liquid's viscosity changes.
- ⤷
What is the maximum liquid volume capacity for the HMS-2-R/K model?
- ⤷ How do I calibrate the external PT1000 temperature sensor?
- ⤷ Are there specific error codes for heater failure in this unit?