HMC911LC4BTR-R5
AI

## HMC911LC4BTR-R5: Technical Overview
The **HMC911LC4BTR-R5** is a high-speed, wideband **Time Delay Phase Shifter** (or Variable Delay Line) designed by Analog Devices (formerly Hittite Microwave). It is primarily used in high-frequency applications to precisely control the timing of signals.
---
### 1. Key Specifications and Features
| Parameter | Specification |
| :--- | :--- |
| **Function** | Broadband Time Delay / Phase Shifter |
| **Frequency Range** | DC to 24 GHz |
| **Delay Range** | 0 to 70 ps (continuously variable) |
| **Input/Output** | Differential (100 Ohm) |
| **Control Voltage** | 0V to -2.5V (Analog Control) |
| **Package** | 4x4 mm SMT Ceramic (LC4B) |
| **Power Supply** | -3.3V DC |
---
### 2. Core Functional Parts
To understand how this electronic part operates, it is divided into three main functional blocks:
#### A. Differential Input Buffer
* **Role:** Receives high-speed signals from DC up to 24 GHz.
* **Characteristics:** It is designed for 100-ohm differential impedance. It maintains signal integrity and provides the necessary drive for the delay stage.
#### B. Variable Delay Stage (The Core)
* **Mechanism:** Uses an analog control voltage ($V_{control}$) to adjust the propagation delay of the signal.
* **Precision:** It allows for sub-picosecond resolution, making it ideal for compensating for "skew" (timing differences) in high-speed clock or data lines.
* **Bandwidth:** Unlike narrowband phase shifters, this part operates across a massive frequency range without significantly distorting the signal shape.
#### C. Output Driver
* **Role:** Outputs the delayed differential signal.
* **Performance:** Designed to drive standard transmission lines with low jitter and high output swing (typically 600 mVpp differential).
---
### 3. Application Use-Cases
The HMC911LC4BTR-R5 is commonly integrated into complex RF and digital systems:
1. **Clock Skew Calibration:** Synchronizing clocks in high-speed digital systems (SERDES, FPGA).
2. **Phased Array Antennas:** Adjusting the phase/timing of signals to steer the beam.
3. **High-Speed Instrumentation:** Precision timing in oscilloscopes or bit-error-rate testers (BERT).
4. **Optical Transceivers:** Compensating for propagation delays in fiber optic communication modules.
---
### 4. Technical Considerations for Design
* **Thermal Management:** Being a high-frequency GaAs (Gallium Arsenide) device, proper grounding and thermal vias on the PCB are required to dissipate heat.
* **Control Voltage Line:** The $V_{control}$ line should be filtered with a decoupling capacitor to prevent noise from inducing jitter into the signal path.
* **AC Coupling:** In most applications, the inputs and outputs should be AC coupled with broadband capacitors unless the DC levels of the interfacing parts match exactly.
- ⤷
What is the difference between a time delay shifter and a standard phase shifter?
- ⤷ How does the control voltage relate to the delay linear response?
- ⤷ What are the recommended PCB layout practices for 24 GHz differential signals?