HM53_15
AI

The **HM53_15** typically refers to a specific electronic component, most commonly a **Surface Mount (SMD) Power Inductor** produced by manufacturers like BI Technologies (TT Electronics). These are designed for high-frequency DC/DC converters and power supplies.
---
### 1. Key Technical Specifications
The "15" in the part number usually indicates the inductance value. Below is a breakdown of the typical electronic characteristics:
| Parameter | Typical Value |
| :--- | :--- |
| **Inductance** | 15 µH |
| **Tolerance** | ±20% |
| **Current Rating (Isat)** | ~1.5A - 3.0A (Depends on case size) |
| **DC Resistance (DCR)** | Low (Milliohms range) |
| **Operating Temp** | -40°C to +125°C |
| **Package Type** | SMD (Surface Mount Device) |
### 2. Physical Construction
The component is engineered for durability and efficiency in compact circuits:
* **Core Material:** Ferrite core for low core loss at high frequencies.
* **Shielding:** Usually magnetically shielded to minimize Electromagnetic Interference (EMI) with neighboring components.
* **Terminals:** Robust solder pads designed for reflow soldering.
### 3. Common Applications
The HM53 series is used in circuits where voltage needs to be regulated or filtered:
1. **DC/DC Converters:** Acting as energy storage components in buck or boost regulators.
2. **EMI Filtering:** Smoothing out ripples in power lines to protect sensitive downstream ICs.
3. **Consumer Electronics:** Used in laptops, tablets, and handheld devices where space is limited.
4. **LED Drivers:** Providing steady current to high-brightness LEDs.
### 4. Identification Code
In the part numbering system `HM53-150LF`:
* **HM53:** Series designation (High power, SMD).
* **150:** Inductance code (15 followed by zero zeros = 15µH).
* **LF:** Lead-Free (RoHS Compliant).
---
- ⤷
What is the difference between shielded and unshielded inductors like the HM53?
- ⤷ How do I calculate the ripple current for this inductor in a buck converter?
- ⤷ Are there alternative manufacturers for the HM53_15 footprint?