công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • HM311CG-M-R

  • AI
    The **HM311CG-M-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are essential in power management circuits for stabilizing current and storing energy. --- ## 1. Technical Specifications While specific parameters can vary slightly by manufacturer (often associated with brands like **Chilisin** or **HALO**), the part numbering generally breaks down as follows: | Feature | Specification Details | | :--- | :--- | | **Component Type** | Power Inductor (Molded Type) | | **Inductance** | Typically defined by the "311" code (often 3.1µH or similar depending on series) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Material** | Metal Alloy Powder (High saturation current) | | **Shielding** | Magnetically Shielded (Reduces EMI) | | **RoHS Status** | Compliant (Lead-Free) | --- ## 2. Key Electronic Characteristics ### A. Saturation Current ($I_{sat}$) The "Molded" design allows these inductors to handle high saturation currents. This means the inductance stays stable even when a high amount of DC current flows through the coil. ### B. Low DCR (DC Resistance) The internal copper winding is designed to have very low resistance. This minimizes power loss through heat (Joule heating), making the component highly efficient for battery-operated devices. ### C. Magnetic Shielding The core material encapsulates the windings. This structure prevents magnetic flux from leaking out and interfering with nearby sensitive components on the PCB, which is critical for high-density layouts. --- ## 3. Typical Applications The HM311CG-M-R is commonly found in the following circuits: * **DC-DC Converters:** Used in "Buck" (step-down) or "Boost" (step-up) regulators. * **Voltage Regulator Modules (VRM):** Supplying power to CPUs and GPUs in laptops or tablets. * **Consumer Electronics:** Smart-home devices, SSDs, and handheld gaming consoles. * **Automotive/Industrial:** Distributed power systems requiring small footprints and high reliability. --- ## 4. Physical Dimensions (Typical) * **Footprint:** "311" often refers to the physical size (e.g., approx 3.0mm x 3.0mm x 1.1mm). * **Packaging:** Supplied in **Tape & Reel (T&R)** format for automated pick-and-place assembly lines.
    ✨ Follow-up Questions
    • ⤷ What are the exact dimensions and footprint of the HM311CG-M-R?
    • ⤷ How does a molded inductor differ from a standard wire-wound inductor?
    • ⤷ What is the maximum operating temperature for this component?