HLMP-EJ10-R2000
AI

The **HLMP-EJ10-R2000** is a high-intensity, T-1¾ (5mm) AllnGaP (Aluminum Indium Gallium Phosphide) LED manufactured by Broadcom (formerly Avago/Agilent). It is specifically designed for applications requiring high brightness and reliable performance in outdoor or bright-light conditions.
---
### ## Technical Specifications
The following table summarizes the key electronic and optical characteristics of the HLMP-EJ10-R2000:
| Parameter | Specification |
| :--- | :--- |
| **Color** | Orange (Amber) |
| **Dominant Wavelength** | 605 nm |
| **Luminous Intensity (Min/Max)** | 960 mcd to 2500 mcd |
| **Viewing Angle** | 15° (Narrow Beam) |
| **Forward Voltage ($V_f$)** | 1.9V (Typ) / 2.4V (Max) |
| **Forward Current ($I_f$)** | 20 mA (Standard) |
| **Package Type** | T-1¾ (5mm) Round |
| **Lens Appearance** | Clear, Non-diffused |
---
### ### Key Electronic Components & Materials
1. **Die Technology:** It uses **AllnGaP** technology. Compared to older GaP technologies, AllnGaP offers significantly higher luminous efficiency and better performance stability over temperature changes.
2. **Encapsulation:** The LED is housed in an optical-grade epoxy. This provides high temperature and moisture resistance, making it suitable for outdoor signs and signals.
3. **Lead Frame:** The leads are typically silver-plated to ensure excellent conductivity and ease of soldering (wave soldering compatible).
---
### ### Application Considerations
Because this specific model features a **15-degree viewing angle**, it produces a highly directional, concentrated beam of light. This makes it ideal for:
* **Variable Message Signs:** Traffic signals and commercial billboards.
* **Automotive:** Exterior lighting (turn signals, stop lamps).
* **Status Indicators:** Sunlight-readable indicators for industrial machinery.
---
### ### Typical Circuit Implementation
When integrating this LED into a circuit, a current-limiting resistor is required. To calculate the resistor for a 5V source:
```python
# Ohms Law: R = (V_source - V_forward) / I_forward
v_source = 5.0
v_forward = 1.9
i_forward = 0.020 # 20mA
resistor_value = (v_source - v_forward) / i_forward
print(f"Required Resistor: {resistor_value} Ohms")
# Result: 155 Ohms (Use 160 or 180 Ohm standard resistor)
```
- ⤷
What is the maximum operating temperature for the HLMP-EJ10-R2000?
- ⤷ How does the luminous intensity vary with the forward current for this LED?
- ⤷ Is this LED model available in different viewing angles?