HLMP-EH10-R2000
AI

The **HLMP-EH10-R2000** is a high-performance Red-Orange Light Emitting Diode (LED) manufactured by Broadcom (formerly Avago/Agilent). It belongs to the T-1¾ (5mm) high-intensity lamp series, specifically designed for outdoor applications and high-visibility displays.
---
## 1. Technical Specifications
The following table highlights the primary electrical and optical characteristics of the HLMP-EH10-R2000:
| Parameter | Specification Value |
| :--- | :--- |
| **Color** | Red-Orange |
| **Dominant Wavelength** | 615 nm (Typical) |
| **Luminous Intensity** | 1150 mcd to 2500 mcd (@ 20mA) |
| **Forward Voltage ($V_F$)** | 1.9V (Typ) / 2.4V (Max) |
| **Viewing Angle** | 15 Degrees |
| **Lens Appearance** | Water Clear, Non-diffused |
| **Mounting Type** | Through-Hole |
| **Package Size** | T-1¾ (5mm) |
---
## 2. Key Electronic Features
The device is built using **AllnGaP (Aluminum Indium Gallium Phosphide)** technology, which offers several advantages over older LED technologies:
* **High Luminous Efficiency:** It produces more light output per unit of electrical power.
* **Thermal Stability:** AllnGaP material provides consistent performance even as the temperature of the junction increases.
* **Narrow Viewing Angle:** The 15° beam pattern is achieved through a precision optical grade epoxy lens, making it ideal for long-distance visibility.
* **Reliability:** Designed to withstand moisture and outdoor environmental stressors.
---
## 3. Application Use Cases
Due to its high intensity and narrow focus, this LED is commonly used in:
1. **Variable Message Signs (VMS):** Roadside traffic alerts and information boards.
2. **Solar Powered Signs:** Efficiency is critical for battery-operated outdoor devices.
3. **Commercial Outdoor Advertising:** High-brightness billboards.
4. **Signal Lights:** Traffic signals and pedestrian crossing indicators.
---
## 4. Basic Connection Diagram
To prevent burning out the LED, a current-limiting resistor ($R$) is required.
**Formula:** $R = (V_{source} - V_F) / I_F$
Assuming a 5V source and a target current of 20mA (0.02A):
```text
R = (5V - 1.9V) / 0.02A
R = 155 Ohms (Use 160 or 180 Ohm standard resistor)
```
- ⤷
What is the maximum forward current (If) supported by the HLMP-EH10 series?
- ⤷ How does the AlInGaP technology compare to standard GaP LEDs?
- ⤷ Does this LED require specific thermal management for outdoor use?