HLMP-ED33-RUT00
AI

## HLMP-ED33-RUT00: Technical Specifications and Overview
The **HLMP-ED33-RUT00** is a high-precision electronic component manufactured by Broadcom (formerly Avago Technologies). It is a high-brightness, AlInGaP (Aluminum Indium Gallium Phosphide) LED designed specifically for outdoor applications where visibility and reliability are paramount.
---
### 1. Key Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Technology** | AlInGaP II |
| **Color** | Red (Amber-Red) |
| **Dominant Wavelength** | 630 nm (Typical) |
| **Luminous Intensity** | 2500 mcd to 5500 mcd |
| **Viewing Angle** | 30 Degrees |
| **Lens Shape** | Circular / T-1 3/4 (5mm) |
| **Forward Current (If)** | 20 mA to 50 mA (Max) |
| **Forward Voltage (Vf)** | 2.1V to 2.4V (Typical) |
| **Operating Temperature** | -40°C to +100°C |
---
### 2. Physical Construction
The device is housed in a standard **T-1 ¾ (5mm)** package. It features:
* **Tinted/Non-diffused Lens:** This ensures high light output and directional focus.
* **Stand-offs:** The "RUT" suffix often indicates specific lead configurations or packaging (like Ammo Pack) and the presence of lead stand-offs to facilitate easy PCB mounting and cleaning.
---
### 3. Core Features
* **High Luminous Efficiency:** Due to the AlInGaP material, it produces high light output per unit of power.
* **Sunlight Viewability:** Designed with high intensity and a controlled radiation pattern to remain visible in direct sunlight.
* **Thermal Stability:** Excellent performance even in high-temperature environments, making it suitable for automotive and industrial use.
---
### 4. Common Applications
1. **Traffic Management:** Traffic signals, pedestrian crossings, and work zone indicators.
2. **Variable Message Signs (VMS):** Highway information boards.
3. **Commercial Outdoor Advertising:** Large-scale LED billboards.
4. **Automotive:** Exterior lighting and signaling.
---
### 5. Schematic Symbol Representation
```cpp
// Basic LED Electrical Representation
(Anode) ----|>|---- (Cathode)
Arrow points to negative (Flat side of LED)
```
- ⤷
What is the difference between AlInGaP and standard GaP LEDs?
- ⤷ How does the 30-degree viewing angle affect the light distribution in a signal?
- ⤷ What are the recommended heat dissipation techniques for high-current LEDs?