HLMP-ED25-RUT00
AI

## Technical Overview: HLMP-ED25-RUT00
The **HLMP-ED25-RUT00** is a high-intensity, precision optical performance AlInGaP (Aluminum Indium Gallium Phosphide) LED manufactured by Broadcom (formerly Avago/Agilent). It is specifically designed for applications requiring high light output and a well-defined radiation pattern.
---
### 1. Key Technical Specifications
The following table summarizes the electrical and optical characteristics of the device:
| Parameter | Specification |
| :--- | :--- |
| **Material** | AlInGaP |
| **Color** | Red (Amber-Red) |
| **Peak Wavelength** | 639 nm |
| **Dominant Wavelength** | 630 nm |
| **Luminous Intensity** | 2500 mcd to 5500 mcd (typical) |
| **Viewing Angle** | 15° (Narrow Beam) |
| **Forward Voltage ($V_f$)** | 1.8V to 2.4V |
| **Forward Current ($I_f$)** | 20mA (Typical) |
| **Package Type** | T-1 ¾ (5mm) Round |
---
### 2. Physical Construction
* **Lens Shape:** 5mm (T-1 ¾) standard circular package.
* **Encapsulation:** Clear, non-diffused epoxy which allows for the narrow 15-degree viewing angle, resulting in a "spotlight" effect.
* **Leads:** Traditional through-hole mounting with standard lead spacing.
---
### 3. Distinctive Features
1. **High Luminous Efficiency:** The AlInGaP technology provides high light output relative to power consumption.
2. **Color Stability:** These LEDs maintain consistent color over a range of currents and temperatures.
3. **Moisture Resistance:** Part of the "Precision Optical" series, it is built to withstand varied environmental conditions, making it suitable for outdoor signage.
---
### 4. Applications
Due to its high intensity and narrow viewing angle, the HLMP-ED25-RUT00 is commonly used in:
* **Variable Message Signs (VMS):** Traffic signals and highway information boards.
* **Commercial Advertising:** Bright outdoor displays.
* **Industrial Indicators:** High-visibility status lights for machinery.
* **Automotive:** Specialized lighting or exterior signal indicators.
---
### 5. Part Number Breakdown (Prefix Info)
* **HLMP:** Broadcom LED Product Line.
* **ED:** Specific series for AlInGaP high-brightness lamps.
* **25:** Denotes a 15-degree viewing angle.
* **RUT00:** Specific binning code for intensity and color selection.
- ⤷
What are the maximum thermal ratings for this LED to avoid damage?
- ⤷ How does the AlInGaP technology compare to older GaP LEDs in terms of brightness?
- ⤷ What is the recommended resistor value for 12V operation with this LED?