AI

## Overview of HLMP-CE12-R0ADD
The **HLMP-CE12-R0ADD** is a high-brightness, precision optical performance LED manufactured by Broadcom (formerly Avago Technologies). It belongs to the T-1¾ (5mm) Cyan LED series, specifically designed for applications requiring high visibility and durability.
---
### 1. Key Technical Specifications
The following table outlines the primary electrical and optical characteristics of the HLMP-CE12-R0ADD:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Color** | Cyan | InGaN technology |
| **Dominant Wavelength** | 505 nm | Typical value |
| **Luminous Intensity** | 930 - 2500 mcd | Measured at 20mA |
| **Viewing Angle** | 15° | Directed, narrow beam |
| **Forward Voltage ($V_F$)** | 2.8V - 3.8V | Typical at 20mA |
| **Forward Current ($I_F$)** | 30 mA | Maximum rating |
| **Lens Type** | Clear, Non-diffused | Circular shape |
| **Package Size** | T-1¾ (5mm) | Standard through-hole |
---
### 2. Physical & Material Composition
* **Technology:** Uses **Indium Gallium Nitride (InGaN)** on Sapphire substrate. This material is essential for producing high-intensity blue, green, and cyan light.
* **Package Construction:**
* The LED is encapsulated in an untinted, non-diffused epoxy.
* The leads are typically silver-plated copper alloy for optimal conductivity.
* **Optical Design:** The 15° viewing angle is achieved through a precise lens shape, concentrating light into a narrow, intense beam.
---
### 3. Electrical Features and Protection
1. **High Light Output:** Optimized for outdoor applications where sunlight readability is necessary.
2. **ESD Sensitivity:** Like most InGaN devices, this LED is sensitive to Static Electricity. It usually requires **Class 1C (HBM)** handling precautions (up to 1000V).
3. **Thermal Management:** The device is rated for an operating temperature range of **-40°C to +85°C**, making it suitable for industrial environments.
---
### 4. Typical Applications
* **Traffic Management:** Used in pedestrian signals and traffic icons.
* **Commercial Signs:** High-visibility outdoor advertising and variable message signs.
* **Industrial Instrumentation:** Status indicators that must be visible in high-ambient light conditions.
* **Specialty Lighting:** Decorative or architectural lighting requiring a specific cyan hue.
- ⤷
What are the recommended soldering temperature profiles for this LED?
- ⤷ Does this specific part number come in a tape and reel or bulk packaging?
- ⤷ Are there equivalent parts with a wider viewing angle than 15 degrees?