HLMP-CB15-RSC00
AI

The **HLMP-CB15-RSC00** is a high-brightness Blue LED produced by Broadcom (formerly Avago Technologies). It belongs to the HLMP-Cx15 series, which is designed specifically for applications requiring high intensity and wide viewing angles in outdoor environments.
---
### 1. Key Technical Specifications
The part number encodes specific characteristics regarding color, intensity, and packaging.
| Parameter | Specification |
| :--- | :--- |
| **Color** | Blue (InGaN Technology) |
| **Dominant Wavelength** | 470 nm (Typical) |
| **Luminous Intensity** | 1,500 mcd to 2,500 mcd |
| **Viewing Angle** | 15° (Narrow beam for long-distance visibility) |
| **Package Type** | T-1 ¾ (5mm) Round Through-hole |
| **Lens Appearance** | Clear, Non-diffused |
| **Forward Voltage ($V_F$)** | 3.2V (Typical) to 3.8V (Max) |
---
### 2. Internal Electronic Construction
The device is built using **Indium Gallium Nitride (InGaN)** material technology on a sapphire substrate. This construction allows for:
* **High Efficiency:** Converts electrical energy into light with minimal heat loss compared to older technologies.
* **Stability:** Features an epoxy resin that contains UV inhibitors to prevent degradation when exposed to direct sunlight.
* **ESD Protection:** These LEDs are sensitive to Static Electricity; usually, they require anti-static precautions during assembly (ESD Class 1).
---
### 3. Pinout and Circuit Integration
The HLMP-CB15 follows standard 5mm LED polarity rules:
1. **Anode (+):** The longer lead.
2. **Cathode (-):** The shorter lead, usually marked by a flat edge on the LED's circular base.
#### Current Limiting Calculation
To operate this LED at a standard 20mA ($I_F = 0.02A$) using a 5V power supply, the resistor ($R$) is calculated as:
```math
R = (V_{source} - V_F) / I_F
R = (5V - 3.2V) / 0.02A = 90 \Omega
```
*(A standard **100Ω** resistor is recommended for safety).*
---
### 4. Typical Applications
Due to its high intensity and narrow 15° viewing angle, this part is commonly used in:
* **Variable Message Signs (VMS):** Highway and traffic information boards.
* **Commercial Advertising:** Large-scale outdoor video screens.
* **Signal Indicators:** Solar-powered path lighting or marine signaling.
- ⤷
What is the maximum forward current (If) recommended for the HLMP-CB15-RSC00?
- ⤷ How does the 15-degree viewing angle affect the brightness perceived from the side?
- ⤷ Are there specific thermal management requirements for InGaN LEDs like this one?