HLMP-AD11-R0TYY
AI

The **HLMP-AD11-R0TYY** is a high-performance light-emitting diode (LED) manufactured by Broadcom (formerly Avago Technologies). It is specifically designed for signage and illumination applications that require high brightness and a specific viewing angle.
---
### 1. Key Technical Specifications
| Parameter | Specification |
|:---|:---|
| **LED Type** | Through-Hole (Radial) |
| **Color** | Red |
| **Dominant Wavelength** | 626 nm (typical) |
| **Lens Shape** | Oval (Precision Optical Performance) |
| **Viewing Angle** | 70° (Horizontal) x 35° (Vertical) |
| **Luminous Intensity** | 520 mcd to 1500 mcd (Range R to T) |
| **Forward Voltage ($V_f$)** | 1.8V to 2.4V (typical) |
| **Package Size** | 5mm (T-1 ¾) |
---
### 2. Core Features and Construction
* **Oval Spatial Radiation Pattern:** Unlike standard round LEDs, this part uses an oval lens. This shape is engineered to provide a wide horizontal viewing angle and a narrower vertical angle, making it ideal for outdoor signs where viewers are spread horizontally but at a similar eye level.
* **AllnGaP Technology:** The LED chip is made from Aluminum Indium Gallium Phosphide (AllnGaP). This material is known for high luminous efficiency and excellent performance stability over long periods.
* **Epoxy Package:** It is encapsulated in a tinted, diffused epoxy that provides UV resistance, ensuring the plastic doesn't degrade or yellow when used in outdoor sunlight.
---
### 3. Part Number Breakdown (Suffix Meaning)
The specific suffix **-R0TYY** provides information about the binning and packaging:
1. **R**: Represents the minimum intensity bin (starting at approximately 520 mcd).
2. **0**: Indicates that there is no specific limit on the maximum intensity bin (up to the highest available).
3. **T**: Refers to the color bin (Red has a narrow wavelength range, so this often refers to the standard red spectrum).
4. **YY**: Typically denotes specific bulk or ammo-pack packaging options for automated assembly.
---
### 4. Common Applications
* **Variable Message Signs (VMS):** Used in highway traffic signs and public transport displays.
* **Commercial Advertising:** Outdoor billboards and shop displays.
* **Status Indicators:** Industrial equipment where visibility from different horizontal angles is required.
---
- ⤷
What are the soldering temperature requirements for the HLMP-AD11 series?
- ⤷ How does the viewing angle of an oval LED differ from a standard round LED in practical use?
- ⤷ Can this LED be driven by a standard 5V microcontroller pin without a transistor?