HL16-D-R
AI

The **HL16-D-R** typically refers to a high-performance **LED Indicator / Signal Lamp** series, commonly used in industrial control panels and automation machinery. Below is a breakdown of its electronic specifications and features.
---
### 1. General Overview
The HL16 series are compact signal indicators designed for reliability in harsh environments. The suffix codes usually denote specific characteristics:
* **HL16**: Series model (16mm mounting diameter).
* **D**: Indicator light (Pilot light) function.
* **R**: Color code (Red).
### 2. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Mounting Diameter** | 16mm |
| **Light Source** | High-brightness LED |
| **Operating Voltage** | AC/DC 12V, 24V, 110V, or 220V (Model dependent) |
| **Color** | Red (R) |
| **Service Life** | $\ge$ 30,000 hours |
| **Protection Degree** | IP40 or IP65 (depending on sealing) |
| **Connection Type** | Pin terminals or Screw terminals |
---
### 3. Electronic Components & Design
#### A. The LED Chip
Unlike traditional incandescent bulbs, the HL16-D-R uses a solid-state LED. This provides:
* **Lower Power Consumption:** Usually draws less than 20mA.
* **Vibration Resistance:** No filament to break under mechanical stress.
* **Instant On/Off:** No warm-up time required.
#### B. Internal Circuitry
Inside the plastic housing, the unit contains:
1. **Current Limiting Resistor:** Protects the LED from over-current based on the rated input voltage.
2. **Rectifier (for AC/DC models):** Allows the indicator to function regardless of polarity or on alternating current.
3. **Anti-interference Circuit:** High-end versions include a small capacitor or resistor to prevent "ghosting" (the LED glowing dimly due to induced voltage in long cable runs).
#### C. Housing Material
* **Lens:** Polycarbonate (PC) for high transparency and impact resistance.
* **Body:** Flame-retardant plastic (UL94-V0 rated) to ensure safety in electrical cabinets.
---
### 4. Typical Wiring Diagram
The device is a non-polarized component if rated for AC/DC, meaning it is simple to integrate into a circuit:
```text
[Power Source (+/-)] ---- [Switch/Relay] ---- [HL16-D-R Terminal 1]
[HL16-D-R Terminal 2] ---- [Ground/Neutral]
```
---
### 5. Application Areas
* **Status Monitoring:** Indicating "Power On," "Fault," or "Emergency Stop."
* **Control Panels:** Standard 16mm cutouts in PLC cabinets.
* **Home Automation:** Custom indicator panels for DIY electronics.
- ⤷
What are the different voltage options available for the HL16 series?
- ⤷ How do I choose between a 16mm and 22mm indicator lamp?
- ⤷ Does the HL16-D-R support flashing modes or is it steady only?