công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • HJPA-16-R

  • AI
    The **HJPA-16-R** is a high-performance **High-Pass Filter (HPF)** manufactured by **Mini-Circuits**. It is designed as a surface-mount component for RF (Radio Frequency) and microwave applications, specifically used to block lower-frequency noise while allowing high-frequency signals to pass with minimal loss. --- ## 1. Technical Specifications The "16" in the part number typically refers to the approximate cutoff frequency (in MHz or GHz depending on the series sub-category), but for the HJPA series, it defines the specific passband range. | Parameter | Value | | :--- | :--- | | **Component Type** | High-Pass Filter (HPF) | | **Frequency Passband** | ~16.5 GHz to 40 GHz (Application dependent) | | **Stopband Range** | DC to ~14 GHz | | **Insertion Loss** | Typically 1.5 - 2.5 dB (Passband) | | **Rejection** | > 30 dB (at stopband frequencies) | | **Impedance** | 50 Ohms (Standard) | | **Package Style** | Surface Mount (SMT) | --- ## 2. Key Electronic Features The HJPA-16-R incorporates several specialized electronic design choices: ### A. High Rejection and Steep Roll-off The internal circuitry is designed to provide a very steep transition from the stopband to the passband. This is critical in preventing "aliasing" or interference from lower-frequency signals (like local oscillators) from entering the high-frequency RF chain. ### B. LTCC Technology This part is often constructed using **Low Temperature Co-fired Ceramic (LTCC)** technology. * **Ruggedness:** LTCC allows the part to be very small while remaining thermally stable. * **Repeatability:** Provides consistent performance across large production batches. ### C. Wideband Performance Unlike standard filters that cover narrow ranges, the HJPA-16-R supports millimeter-wave (mmWave) frequencies, making it suitable for modern high-speed communications. --- ## 3. Common Applications Due to its high-frequency capabilities, the HJPA-16-R is found in the following electronic systems: 1. **5G Infrastructure:** Filtering out sub-6GHz noise from mmWave receivers. 2. **Satellite Communications (SATCOM):** Managing signal integrity in Ka-band and Ku-band transceivers. 3. **Radar Systems:** Protecting sensitive mixers from low-frequency interference or high-power transmitter leakage. 4. **Test and Measurement:** Used in signal generators and spectrum analyzers to clean up harmonic distortion. --- ## 4. Pin Configuration and Integration The "R" suffix usually denotes the packaging type (often **RoHS compliant** and/or supplied on **Tape and Reel** for automated assembly). * **Input/Output:** Typically symmetrical, meaning RF signals can usually enter from either side (check specific datasheet for directional markings). * **Grounding:** Multiple ground pads are integrated to ensure minimal parasitic inductance, which is vital at 16GHz+ frequencies.
    ✨ Follow-up Questions
    • ⤷ What are the soldering requirements for LTCC components like the HJPA-16-R?
    • ⤷ How does the insertion loss of this filter change over its operating temperature range?
    • ⤷ Can you explain the difference between the HJPA-16-R and a standard lumped-element filter?