công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • HJM-16-R/Q

  • AI
    The **HJM-16-R/Q** refers to a specific series of high-frequency power splitters/combiners, typically used in RF (Radio Frequency) and microwave communication systems. These components are essential for distributing signal power or combining multiple signals into a single output. --- ### 1. General Specifications The HJM series is designed for precision signal processing. Below are the typical technical characteristics associated with this part number: | Feature | Description | | :--- | :--- | | **Component Type** | 180° Hybrid Junction / Power Splitter | | **Frequency Range** | Typically 2 MHz to 250 MHz (HF/VHF bands) | | **Impedance** | 50 Ohms (Standard) | | **Configuration** | 2-Way 180-degree phase shift | | **Package Style** | Surface Mount or Pin-based (depending on suffix) | --- ### 2. Key Electronic Functions The "HJM" designation usually points to a **Hybrid Junction**. Its electronic behavior serves two primary purposes: * **Power Splitting:** It takes an input signal and divides it into two equal-amplitude output signals. In the 180° configuration, one output is in phase with the input, while the other is 180° out of phase. * **Power Combining:** It can take two separate signals and combine them. If the signals are 180° out of phase, they will sum at the difference port; if they are in phase, they will sum at the sum port. * **Isolation:** These components provide high isolation between the output ports, ensuring that a reflection or interference on one output does not affect the other. --- ### 3. Suffix Meanings (R/Q) In electronic component nomenclature, these suffixes often denote physical or environmental variations: * **-R:** Usually indicates **RoHS Compliance** (Lead-free manufacturing). * **-Q:** Often indicates **AEC-Q100/200** qualification (Automotive grade) or a specific Quality Assurance level. --- ### 4. Typical Applications The HJM-16-R/Q is commonly found in the following electronic circuits: 1. **Push-Pull Amplifiers:** To provide the necessary 180° phase-shifted signals to drive transistors. 2. **Balanced Mixers:** Used to suppress local oscillator (LO) noise. 3. **Antenna Arrays:** For beamforming and phase-shifting signal distribution. 4. **Signal Monitoring:** Tapping into a line without loading the source. --- ### 5. Schematic Symbol Representation In a circuit diagram, the part is represented as a four-port network: `Port 1 (Input) -> Port 2 (0°) & Port 3 (180°) -> Port 4 (Internal Termination/Sum)`
    ✨ Follow-up Questions
    • ⤷ What is the maximum power rating for the HJM-16 series?
    • ⤷ How does a 180-degree hybrid differ from a 90-degree quadrature hybrid?
    • ⤷ What are the specific pinout dimensions for the R/Q package?