HFV15SLASH24-SH1STJ-R
AI

The **HFV15/24-SH1STJ-R** is a specific model of an automotive power relay manufactured by **Hongfa**. These relays are designed to handle high current loads within vehicle electrical systems.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the specific technical characteristics of this component:
| Code Segment | Meaning | Technical Specification |
| :--- | :--- | :--- |
| **HFV15** | Series Name | Automotive Power Relay Series |
| **24** | Coil Voltage | 24V DC Nominal |
| **S** | Protection | Sealed Construction (Washable) |
| **H** | Contact Material | AgSnO₂ (Silver Tin Oxide) |
| **1** | Contact Arrangement | 1 Form A (Normally Open) |
| **S** | Termination | Standard (Plug-in/Socket) |
| **T** | Resistor/Diode | Parallel Resistor (for Transient Suppression) |
| **J** | Mounting/Feature | Specialized Housing/Flange variant |
| **R** | Special Mark | Specific manufacturer revision or RoHS status |
---
### 2. Key Technical Specifications
Below are the typical electrical and mechanical limits for this relay series:
* **Contact Capacity:** Generally rated for **70A** (at 14VDC) or **40A** (at 28VDC).
* **Coil Power Consumption:** Approximately **1.6W** to **2.0W**.
* **Contact Resistance:** $\leq 30 \text{ m}\Omega$ (at 1A 6VDC).
* **Dielectric Strength:** 500VAC between open contacts / 500VAC between coil and contacts.
* **Temperature Range:** $-40^\circ\text{C}$ to $+125^\circ\text{C}$.
---
### 3. Electronic Features & Components
* **Internal Resistor (The "T" Suffix):**
This relay includes a resistor wired in parallel with the coil. When the coil is de-energized, the collapsing magnetic field creates a voltage spike (Back EMF). The resistor dissipates this energy to protect sensitive automotive electronics (like the ECU) from damage.
* **Sealed Design ("S"):**
The "Sealed" rating means the unit is protected against dust and moisture, making it suitable for engine bay environments where it might be exposed to fluids or humidity.
* **AgSnO₂ Contacts:**
Silver Tin Oxide is used because it has excellent resistance to "material migration" and welding, which is common in high-current DC switching.
---
### 4. Common Applications
Due to its high amperage rating and 24V coil, this relay is primarily used in **Heavy Duty Vehicles** (Trucks, Buses, Construction Equipment) for:
1. **Engine Cooling Fans**
2. **Fuel Pumps**
3. **Headlights and Auxiliary Lighting**
4. **Heating/Defrosting Elements**
5. **Main Power Distribution**
---
- ⤷What is the resistance value of the internal suppression resistor in this model?
- ⤷ Can this 24V relay be safely triggered by a 12V system?
- ⤷ What are the physical dimensions and pinout for the HFV15 series?