AI

The **HFE6-B/24-2HT2-R** is a specific model of a **magnetic latching relay** manufactured by Hongfa. These relays are widely used in applications requiring high power switching with minimal energy consumption, such as smart meters, solar inverters, and lighting control.
---
### 1. Part Number Breakdown
Understanding the nomenclature reveals the electronic characteristics of the component:
| Code Segment | Definition | Description |
| :--- | :--- | :--- |
| **HFE6** | Series Name | Subminiature Power Latching Relay series. |
| **B** | Load Version | Indicates high-capacity / heavy-duty version. |
| **24** | Nominal Voltage | 24V DC (the voltage required to pulse the coil). |
| **2H** | Contact Form | 2 Form A (DPST-NO / Double Pole Single Throw). |
| **T** | Contact Material | AgSnO₂ (Silver Tin Oxide) for high inrush resistance. |
| **2** | Coil Type | Dual Coil (Latching type with three pins for the coil). |
| **R** | Polarity | Reverse polarity or specific mounting configuration. |
---
### 2. Key Technical Specifications
Latching relays differ from standard relays because they do not require constant power to stay "on" or "off."
* **Switching Capacity:** Typically rated for 50A to 60A at 250VAC.
* **Dielectric Strength:** Usually 4,000VAC between coil and contacts (high isolation).
* **Pulse Duration:** Requires a short pulse (usually >50ms) to flip the state.
* **Power Consumption:** 0W in the steady state; energy is only consumed during switching.
---
### 3. Functional Components
#### A. The Magnetic Latching Mechanism
Unlike standard relays that use a spring to return to a "normal" state, this part uses a **permanent magnet**. When the coil is pulsed, the magnetic field overcomes the permanent magnet's hold to move the armature. Once moved, the permanent magnet holds the contacts in place without further electricity.
#### B. Dual Coil Configuration (The "2" in 24-2)
This model features two separate coils:
1. **Set Coil:** Pulsing this coil closes the contacts.
2. **Reset Coil:** Pulsing this coil opens the contacts.
This is controlled by three pins: a **Common** pin, a **Set** pin, and a **Reset** pin.
#### C. Contact Material (AgSnO₂)
The use of Silver Tin Oxide is crucial for electronic parts dealing with high inductive loads. It provides:
* Excellent anti-welding properties.
* Resistance to material transfer (pitting) during high-current switching.
---
### 4. Circuit Implementation Tips
When designing a PCB for this part, consider the following:
* **Flyback Diodes:** You must include clamping diodes across both the Set and Reset coils to protect your driving transistors (BJT/MOSFET) from inductive voltage spikes.
* **Pulse Driving:** Ensure the microcontroller provides a pulse of sufficient duration (50ms - 100ms) but **never** leaves the coil energized indefinitely, as this will burn out the coil.
- ⤷
What is the main advantage of a dual-coil latching relay over a single-coil version?
- ⤷ Can this relay be used in DC load switching applications?
- ⤷ What are the typical wiring diagrams for the 3-pin coil configuration?