HCF1305-4R7-R
AI

The **HCF1305-4R7-R** is a high-current, automotive-grade power inductor manufactured by Eaton (formerly Cooper Bussmann/Coiltronics). It is part of the HCF1305 series, known for its high power density and reliability in harsh environments.
---
### 1. Key Technical Specifications
The part number follows a specific nomenclature that defines its physical and electrical properties.
| Parameter | Value / Specification |
| :--- | :--- |
| **Inductance** | 4.7 µH |
| **Tolerance** | ±20% |
| **DCR (Direct Current Resistance)** | 10.4 mΩ (Max) |
| **Isat (Saturation Current)** | 11.0 A (Typical) |
| **Irms (Heating Current)** | 10.5 A (Typical) |
| **Operating Temperature** | -40°C to +125°C |
| **Package Size** | 12.5mm x 12.9mm x 5.0mm (Surface Mount) |
---
### 2. Core Features
* **High Current Handling:** Designed to manage high saturation currents without the core "bottoming out" quickly.
* **Low Core Loss:** Utilizes a ferrite core material that minimizes energy loss, making it highly efficient for high-frequency switching.
* **Automotive Grade:** It is **AEC-Q200 Grade 1** qualified, meaning it is tested for high vibration, thermal shock, and mechanical stress.
* **Shielded Construction:** The design reduces Electromagnetic Interference (EMI), which is critical for sensitive surrounding circuits.
---
### 3. Application Use Cases
This component is primarily used in power management stages where voltage conversion is necessary:
1. **DC-DC Converters:** Used as a storage element in Buck (step-down) or Boost (step-up) converters.
2. **Voltage Regulator Modules (VRM):** Provides stable power to microprocessors and GPUs.
3. **Automotive Electronics:** Powering Advanced Driver Assistance Systems (ADAS), infotainment, and LED lighting.
4. **Industrial Power Supplies:** Suitable for distributed power systems and battery-powered equipment.
---
### 4. Part Number Breakdown
```text
HCF 1305 - 4R7 - R
| | | |
| | | +-- RoHS Compliant
| | +------- Inductance Value (4R7 = 4.7 µH)
| +-------------- Size Dimensions (approx. 13x5mm)
+------------------- High Current Ferrite (Series Name)
```
- ⤷
What is the difference between Isat and Irms for this inductor?
- ⤷ Are there smaller package alternatives with the same 4.7µH inductance?
- ⤷ What is the maximum switching frequency recommended for the HCF1305 series?