HCF1305-4R0-R
AI

## HCF1305-4R0-R: Component Overview
The **HCF1305-4R0-R** is a high-current, high-frequency, shielded power inductor manufactured by **Eaton (formerly Coiltronics)**. It is part of the HCF1305 series, designed specifically for applications requiring stable performance under high current loads and high-speed switching frequencies.
---
### 1. Technical Specifications
The part number encodes specific data about the component's performance characteristics.
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 4.0 µH |
| **Tolerance** | ±20% |
| **Rated Current (Irms)** | ~17.5 Amperes |
| **Saturation Current (Isat)** | ~22.0 Amperes |
| **DC Resistance (DCR)** | ~4.6 mΩ (Max) |
| **Operating Temperature** | -40°C to +125°C |
| **Package / Case** | SMD (Surface Mount Device) |
| **Dimensions** | ~12.5mm x 12.5mm x 5.0mm |
---
### 2. Key Features
* **High Current Handling:** Designed to handle significant DC currents without hitting magnetic saturation quickly.
* **Shielded Construction:** The inductor is magnetically shielded to minimize Electromagnetic Interference (EMI), which is critical in dense PCB layouts.
* **Low DCR:** The low DC resistance minimizes power loss due to heat, increasing the overall efficiency of the power supply.
* **Ferrite Core:** Utilizes a ferrite core material characterized by low core losses at high frequencies (up to 2 MHz).
---
### 3. Application Use Cases
This component is typically found in DC-DC converter circuits where voltage regulation and filtering are necessary.
1. **Voltage Regulator Modules (VRM):** Used in CPUs and GPUs to provide stable, high-current power.
2. **Point-of-Load (POL) Converters:** Essential for stepping down voltages near the integrated circuits they power.
3. **Battery Powered Systems:** High efficiency makes it suitable for portable electronics.
4. **Solar Inverters:** Used in the filtering stages of power conversion.
---
### 4. Part Number Breakdown
The naming convention follows Eaton’s standard logic:
```text
HCF 1305 - 4R0 - R
| | | |
| | | └── RoHS Compliant
| | └─────── Inductance Value (4R0 = 4.0 microhenries)
| └────────────── Size Code (approx. 13mm x 5.0mm height)
└─────────────────── High Current Ferrite (Series Name)
```
- ⤷What is the difference between Irms and Isat for this inductor?
- ⤷ How does the shielded design of the HCF1305 impact PCB layout?
- ⤷ Are there alternative inductors with a lower profile but similar current ratings?