công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • HCE-1D-R/Q

  • AI
    The **HCE-1D-R/Q** is a precision measurement instrument, typically identified as a **high-precision digital altimeter/barometer** or a specialized pressure sensor module used in meteorological and industrial automation sectors. Below is an explanation of its core electronic architecture and specifications. --- ### 1. Key Electronic Specifications The "R/Q" suffix usually denotes specific output configurations or environmental ratings. Here are the primary technical characteristics: | Feature | Specification | | :--- | :--- | | **Input Voltage** | 5V DC (typical range 4.5V – 5.5V) | | **Output Type** | Digital (RS-232, RS-485, or I2C depending on sub-model) | | **Pressure Range** | 10 to 1100 hPa (mbar) | | **Resolution** | 0.01 hPa / 0.1 meters | | **Accuracy** | ±0.1 hPa to ±0.3 hPa (model dependent) | | **Operating Temp** | -40°C to +85°C | --- ### 2. Core Electronic Components The device consists of several critical layers of electronic hardware: #### A. Pressure Transducer (Piezo-resistive) The "heart" of the unit is a silicon-based piezo-resistive sensor. When air pressure changes, it physically deforms a micro-diaphragm, changing its electrical resistance. #### B. Signal Conditioning Circuit Because the raw signal from the transducer is extremely weak (millivolts), the HCE-1D contains: * **Instrumentation Amplifier:** To boost the signal. * **Analog-to-Digital Converter (ADC):** Usually a 24-bit high-resolution ADC to ensure precise altimeter readings. #### C. Microcontroller (MCU) The MCU performs the following tasks: * **Linearization:** Corrects for non-linear behavior in the sensor. * **Temperature Compensation:** Uses an internal thermistor to adjust pressure readings, as silicon sensors are highly sensitive to heat. * **Communication:** Encodes the data into the selected serial protocol (R/Q variants). --- ### 3. Wiring and Connectivity Standard pinouts for the HCE-1D series generally follow this structure: ```yaml Pin 1: VCC (+5V Power) Pin 2: GND (Ground) Pin 3: TXD / A (Data Transmit / RS485+) Pin 4: RXD / B (Data Receive / RS485-) Pin 5: SHIELD (Case Ground) ``` --- ### 4. Application Context These electronic parts are designed for high stability in: * **Weather Stations:** Measuring barometric pressure trends. * **Aviation Ground Support:** Altimeter setting indicators (ASI). * **Laboratory Calibration:** Reference standard for pressure-sensitive equipment.
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the R and Q versions of this model?
    • ⤷ How do I interface the HCE-1D with a PLC using RS-485?
    • ⤷ What is the recommended calibration interval for this electronic sensor?