HCE-11-R/Q
AI

The **HCE-11-R/Q** refers to a specific series of high-performance **Chip Inductors** (often categorized under Power Inductors or RF Inductors depending on the specific manufacturer footprint, though most commonly associated with surface-mount power applications).
Below is a breakdown of the electronic specifications and technical characteristics of this component series.
---
### 1. General Specifications
The HCE-11 series is designed for high-current applications where stability and low DC resistance (DCR) are critical. The "R" usually denotes a specific tolerance or RoHS compliance, while "Q" often relates to high-quality factor (Q-factor) or specific packaging requirements.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Fixed Inductor / Power Choke |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Core Material** | Ferrite or Composite Powder |
| **Operating Temp** | -40°C to +125°C (Standard range) |
| **Applications** | DC/DC Converters, Voltage Regulator Modules (VRM) |
---
### 2. Electrical Characteristics
The performance of the HCE-11 series is defined by its ability to handle saturation current without significant inductance drops.
* **Inductance Range:** Typically ranges from **0.1µH to 2.2µH** (varies by specific sub-model).
* **DC Resistance (DCR):** Extremely low, often in the milliohm (mΩ) range to minimize power loss and heat generation.
* **Saturation Current ($I_{sat}$):** Designed to handle high peak currents (often 30A to 60A+ depending on the physical size).
* **Heating Current ($I_{rms}$):** The continuous current allowed before the component temperature rises by a specific margin (usually 40°C).
---
### 3. Physical Construction
The "11" in the part number often refers to the physical dimensions (e.g., approximately 11mm x 11mm footprint).
#### Internal Structure:
1. **Shielding:** Most HCE-11 parts are **shielded** to reduce Electromagnetic Interference (EMI) with neighboring components on the PCB.
2. **Flat Wire Technology:** Many high-current versions use flat copper wire instead of round wire. This increases the cross-sectional area, lowering DCR and improving efficiency.
3. **Terminations:** Lead-free (Sn) plating over a copper base for excellent solderability.
---
### 4. Typical Application Circuit
In a synchronous buck converter, the HCE-11 inductor acts as the energy storage element.
```cpp
// Logic representation of Inductor Placement
[Input Voltage] --> [Switching MOSFETs] --> [HCE-11 Inductor] --> [Output Capacitor] --> [Load]
^
|
(Energy Storage Point)
```
---
### 5. Part Number Breakdown (Generic)
| Prefix (HCE) | Size (11) | Variation (R/Q) |
| :--- | :--- | :--- |
| Series Identifier | Dimensions (mm) | R: RoHS / Q: High Q-Factor or Automotive Grade |
- ⤷
What are the specific saturation current limits for the 1.0uH version of HCE-11?
- ⤷ How does the flat-wire design in HCE-11 compare to standard wire-wound inductors?
- ⤷ Is the HCE-11-R/Q AEC-Q200 qualified for automotive use?