công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • HCD-R80

  • AI
    The **Sony HCD-R80** is the main control and amplifier unit of the MHC-R80 Mini Hi-Fi Component System. It is a sophisticated piece of late-90s consumer electronics, characterized by its high power output, mechanical CD carousel, and complex integrated circuit (IC) design. --- ### Core Electronic Components The architecture of the HCD-R80 is divided into several functional modules: #### 1. Power Supply Stage This section converts AC wall power into the various DC voltages required by the different components. * **Transformer:** A large, heavy power transformer provides high-voltage rails for the power amplifier and lower voltages for the logic circuits. * **Rectifiers & Filter Caps:** Large electrolytic capacitors (typically 4700µF or 6800µF) smooth the voltage to prevent "hum" in the audio output. #### 2. Power Amplifier Section The R80 is known for its relatively high output power for its size. * **Power IC:** It typically utilizes an **STK-series thick-film hybrid IC** (often the STK410-series or similar). These chips integrate the driver and output transistors into a single package mounted on a large aluminum heatsink. * **Protection Circuit:** Includes a mechanical relay that disconnects the speakers if DC voltage is detected, preventing speaker blowout. #### 3. CD Player & Optical Pickup The 3-disc carousel system involves both mechanical and optoelectronic parts. * **Optical Pickup (Laser):** Usually the **KSS-213 series**. It consists of a laser diode, a photodiode array, and a focus/tracking actuator. * **Servo Controller:** An IC that manages the spin speed (CLV), tracking, and focus of the laser. #### 4. Microprocessor & Display * **System Control IC:** The "brain" that interprets button presses and remote control signals. * **FL Display (Vacuum Fluorescent Display):** High-voltage display tube that provides the bright, multi-colored interface. * **Motor Drivers:** Specific ICs (like the BA-series) are used to drive the tray loading and carousel rotation motors. --- ### Key Component Specifications Table | Component Type | Common Part/Series | Function | | :--- | :--- | :--- | | **Main Amplifier IC** | STK Series (e.g., STK412-020) | Drives the main stereo speakers. | | **Laser Pickup** | KSS-213B/KSS-213D | Reads data from the Compact Discs. | | **Digital-to-Analog Converter** | CXD series (Sony) | Converts digital CD data into audible sound. | | **Volume Control** | Rotary Encoder | Provides digital steps for volume adjustment. | | **Tape Head** | Permalloy Head | Reads/Writes magnetic signals on cassette tapes. | --- ### Common Electronic Issues 1. **Optical Failure:** The KSS laser diode weakens over time, leading to "No Disc" errors. 2. **Belt Degradation:** While mechanical, the rubber belts for the CD tray and tape deck often melt or snap, preventing the electronic sensors from completing their cycles. 3. **Cold Solder Joints:** Due to the heat generated by the STK amplifier chip, solder joints on the mainboard can crack, causing intermittent sound or "Push Power Protect" errors.
    ✨ Follow-up Questions
    • ⤷ How do I troubleshoot the 'Push Power Protect' error on this model?
    • ⤷ What is the specific laser replacement model for the HCD-R80?
    • ⤷ Can the STK amplifier chip be upgraded for higher power output?