HC9-330-R
AI

The **HC9-330-R** is a high-current, power inductor manufactured by **Eaton (formerly Cooper Bussmann)**. It belongs to the HC9 series, which is designed for high-density, high-current applications where thermal stability and low core loss are critical.
---
## 1. Technical Specifications
The part number follows a specific nomenclature. Here is the breakdown of the technical parameters for the **HC9-330-R**:
| Parameter | Value / Description |
| :--- | :--- |
| **Inductance** | 33.0 µH (Microhenries) |
| **Tolerance** | ±20% |
| **Rated Current (Irms)** | ~2.6 A (Amperes) |
| **Saturation Current (Isat)** | ~3.5 A (Amperes) |
| **DC Resistance (DCR)** | ~0.108 Ω (Typical) |
| **Operating Temperature** | -40°C to +125°C |
| **Mounting Type** | Surface Mount (SMD) |
| **Material** | Iron Powder Core (Low EMI) |
---
## 2. Key Features
* **High Current Handling:** Designed to handle significant current spikes without immediate saturation.
* **Magnetically Shielded:** The construction reduces Electromagnetic Interference (EMI), making it suitable for noise-sensitive circuits.
* **Low Core Loss:** Uses powdered iron core material which is efficient at high frequencies.
* **RoHS Compliant:** The "-R" suffix indicates that the part is lead-free and meets environmental standards.
---
## 3. Physical Dimensions
The HC9 series is known for its rugged, square-shaped SMT footprint.
| Dimension | Measurement (approx.) |
| :--- | :--- |
| **Length** | 13.0 mm |
| **Width** | 13.0 mm |
| **Height** | 8.0 mm |
---
## 4. Common Applications
The HC9-330-R is typically found in power management circuits:
1. **DC-DC Converters:** Used as the energy storage element in Buck, Boost, or Buck-Boost regulators.
2. **Voltage Regulator Modules (VRM):** Found on motherboards and server power supplies.
3. **Industrial Electronics:** Used in distributed power systems and battery-powered equipment.
4. **Filtering:** Utilized in input/output filters to smooth out ripple current.
---
## 5. Identifying the Part Number
If you are looking at the datasheet, the code is structured as follows:
* **HC9:** Series Name (High Current, Size 9).
* **330:** Inductance Code ($33 \times 10^0 = 33 \mu H$).
* **-R:** RoHS Compliant.
- ⤷
What are the main differences between the HC9 and the HC8 inductor series?
- ⤷ How does saturation current affect the choice of this inductor in a buck converter?
- ⤷ Are there recommended alternatives for the HC9-330-R in space-constrained designs?