HAS-A5-R/Q
AI

The **HAS-A5-R/Q** refers to a high-precision, open-loop Hall Effect current sensor manufactured by **LEM**. It is designed for electronic measurement of DC, AC, and pulsed currents with galvanic isolation between the primary (high power) and secondary (electronic) circuits.
---
## 1. Technical Specifications
The "A5" designation typically indicates a 5V power supply requirement, while "R/Q" denotes specific packaging or pin configurations for PCB mounting.
| Parameter | Value / Description |
| :--- | :--- |
| **Primary Nominal Current ($I_{pn}$)** | 5 A |
| **Measuring Range** | ± 15 A (at 5V) |
| **Supply Voltage ($V_c$)** | +5 VDC (± 5%) |
| **Output Voltage ($V_{out}$)** | 2.5 V ± (0.625 × $I / I_{pn}$) |
| **Accuracy** | ± 1% of $I_{pn}$ |
| **Linearity** | < ± 0.5% |
| **Frequency Bandwidth** | DC to 50 kHz |
---
## 2. Internal Electronic Architecture
The device functions based on the **Hall Effect** principle. Below are the key electronic components integrated within the module:
### A. Magnetic Core
A ring-shaped magnetic core captures the magnetic flux generated by the primary conductor passing through the center of the sensor.
### B. Hall Generator
A thin semiconductor slice (the Hall element) is placed in the gap of the magnetic core. When current flows through the primary wire, the resulting magnetic field creates a "Hall Voltage" across this semiconductor.
### C. Signal Conditioning Circuitry
* **Amplifier:** The raw Hall voltage is extremely small (millivolts). An internal operational amplifier scales this to a usable level.
* **Reference Voltage ($V_{ref}$):** Since it is a unipolar 5V device, the output is "ratiometric." At zero current, the output is typically $V_{cc}/2$ (2.5V).
* **Temperature Compensation:** Internal resistors adjust for thermal drift to ensure accuracy across the operating range (-40°C to +105°C).
---
## 3. Pinout Configuration
The sensor usually features 4 or 5 pins for PCB integration:
| Pin | Function | Description |
| :--- | :--- | :--- |
| **+Vcc** | Supply | Positive power supply (+5V) |
| **0V** | Ground | Power supply return |
| **Vout** | Output | Analog voltage proportional to current |
| **Ref** | Reference | Internal reference voltage (optional) |
---
## 4. Typical Application Circuit
When integrating this part into an electronic system, it is usually connected to a Microcontroller's Analog-to-Digital Converter (ADC).
```cpp
// Logic for Reading HAS-A5-R/Q with a 10-bit ADC
float sensorValue = analogRead(A0);
float voltage = (sensorValue / 1023.0) * 5.0;
// 2.5V is zero current; 0.625V per 5 Amps
float current = (voltage - 2.5) / (0.625 / 5.0);
```
---
- ⤷
What is the difference between open-loop and closed-loop Hall Effect sensors?
- ⤷ How do I calibrate the 2.5V offset for higher precision?
- ⤷ Can this sensor be used for AC current measurement?