HAS-55-R/Q
AI

The **HAS-55-R** and **HAS-55-Q** are high-performance **Open Loop Hall Effect Current Transducers** manufactured by **LEM**. These components are designed for the electronic measurement of DC, AC, and pulsed currents with galvanic isolation between the primary (high power) and secondary (electronic) circuits.
---
## 1. Technical Specifications
The "55" in the part number typically refers to the nominal current rating, while the suffixes (R/Q) often denote specific package styles or pin configurations within the series.
| Feature | Specification |
| :--- | :--- |
| **Primary Nominal Current ($I_{pn}$)** | 50 A (RMS) |
| **Measuring Range** | ± 150 A |
| **Supply Voltage ($V_c$)** | ± 15 V (± 5%) |
| **Output Voltage ($V_{out}$)** | ± 4 V (at $I_{pn}$) |
| **Accuracy** | ± 1% of $I_{pn}$ |
| **Frequency Bandwidth** | DC to 50 kHz |
| **Technology** | Hall Effect (Open Loop) |
---
## 2. Key Electronic Components & Internal Logic
The device operates on the principle of the Hall Effect. Below are the internal functional blocks:
### A. Magnetic Core
A high-permeability ring or "C" core concentrates the magnetic flux generated by the primary conductor passing through the center aperture.
### B. Hall Generator
A thin semiconductor slice placed in the air gap of the magnetic core. When current flows through the primary, the resulting magnetic field induces a **Hall Voltage** ($V_h$) across this semiconductor.
### C. Signal Conditioning Circuit
Because the raw Hall voltage is very small (millivolts) and sensitive to temperature, the internal electronics include:
* **Differential Amplifier:** Boosts the signal to the standard ± 4V level.
* **Temperature Compensation:** Internal resistors/thermistors that offset drift caused by heat.
* **Voltage Regulator:** Ensures stable internal operation despite minor fluctuations in the ± 15V supply.
---
## 3. Comparison of Suffixes (R vs. Q)
While the core electrical characteristics remain the same, the suffix usually indicates the physical mounting or terminal style:
| Suffix | Typical Meaning |
| :--- | :--- |
| **HAS-55-R** | Often indicates a **Right-angle** or specific lead-form orientation for PCB mounting. |
| **HAS-55-Q** | Generally refers to a **Quick-connect** or specific terminal post version for easier wiring. |
---
## 4. Connection Diagram (Standard Pinout)
The secondary side typically features four pins:
1. **+VC**: Positive Supply (+15V)
2. **-VC**: Negative Supply (-15V)
3. **Output**: Measurement Signal (0 to ± 4V)
4. **0V**: Common Ground/Return
```text
[ Primary Conductor ]
| |
+-------------------+
| HAS-55 |
+-------------------+
| | | |
+Vc -Vc Out 0V
```
---
- ⤷What is the difference in power consumption between the R and Q versions?
- ⤷ How do I calculate the burden resistor for this specific transducer?
- ⤷ What are the common failure modes for Hall Effect sensors in industrial environments?