HAS-01-R/Q
AI

The **HAS-01-R** and **HAS-01-Q** (often referred to as the HAS series) are high-precision **Open-Loop Hall Effect Current Sensors**. These components are primarily used to measure DC, AC, and pulsed currents with galvanic isolation between the primary circuit (high power) and the secondary circuit (electronic control).
---
### 1. Key Technical Specifications
Below are the typical electronic characteristics for the HAS-01-R/Q series:
| Parameter | Specification |
| :--- | :--- |
| **Sensor Type** | Open-Loop Hall Effect |
| **Primary Nominal Current ($I_{pn}$)** | 50A to 600A (depending on sub-model) |
| **Supply Voltage ($V_c$)** | ±15V DC (Dual Supply) |
| **Output Voltage ($V_{out}$)** | ±4V at nominal current |
| **Accuracy** | ±1% at $25^\circ C$ |
| **Linearity** | < ±1% of $I_{pn}$ |
| **Response Time** | < 3 $\mu s$ |
| **Frequency Bandwidth** | DC to 50 kHz |
---
### 2. Internal Electronic Components
The device consists of three main electronic stages:
1. **Magnetic Core:** A high-permeability ring that concentrates the magnetic flux generated by the primary conductor passing through the center.
2. **Hall Cell (Semiconductor):** A thin wafer of semiconductor material placed in the gap of the magnetic core. It generates a small millivolt signal (Hall voltage) proportional to the magnetic field.
3. **Signal Conditioning Circuit:**
* **Amplifier:** Increases the tiny Hall voltage to a usable range (typically 0–4V).
* **Temperature Compensation:** Resistors and thermistors that stabilize the output against thermal drift.
* **Output Buffer:** Ensures low output impedance for interfacing with ADCs or Microcontrollers.
---
### 3. Connection Pinout
The sensor typically features a 4-pin connection interface for the secondary circuit:
| Pin Number | Symbol | Function |
| :---: | :--- | :--- |
| 1 | **+V** | Positive Supply Voltage (+15V) |
| 2 | **-V** | Negative Supply Voltage (-15V) |
| 3 | **M** | Output Signal (Measurement) |
| 4 | **0V** | Ground (GND) |
---
### 4. Comparison: R vs. Q Suffix
While both belong to the same family, the suffix usually denotes the mechanical mounting or termination style:
* **HAS-01-R:** Often refers to a **PCB-mount** version with pins designed for direct soldering onto a circuit board.
* **HAS-01-Q:** Often refers to a version with **Faston/Quick-connect** terminals or a specific mounting bracket for chassis installation.
---
### 5. Common Applications
* **Variable Speed Drives (VSD):** Monitoring motor current for control loops.
* **Uninterruptible Power Supplies (UPS):** Battery charging and load monitoring.
* **Welding Machines:** Managing high-current output pulses.
* **Solar Inverters:** Measuring string current and DC/AC conversion efficiency.
- ⤷
What is the difference between Open-Loop and Closed-Loop Hall Effect sensors?
- ⤷ Can this sensor be powered by a single +5V supply instead of +/-15V?
- ⤷ How do you calculate the actual current from the 4V output signal?