công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • HAP-A1-R

  • AI
    The **HAP-A1-R** is an industrial-grade **Active RFID (Radio Frequency Identification) Tag**, typically manufactured by companies like **Hantest** or used in specific RTLS (Real-Time Locating Systems). It is designed for personnel tracking, asset management, and automated attendance. Below is a breakdown of its electronic components and technical characteristics. --- ## 1. Core Technical Specifications The device operates on an active frequency, meaning it contains its own power source and transmitter to broadcast signals autonomously. | Feature | Specification | | :--- | :--- | | **Operating Frequency** | 2.4 GHz ~ 2.5 GHz (ISM Band) | | **Communication Mode** | Active (Periodic broadcasting) | | **Read Range** | 0 to 100 meters (Adjustable via reader) | | **Battery Type** | CR2032 Lithium Button Cell (typically) | | **Battery Life** | 1.5 to 3 years (Depending on ping interval) | | **Modulation** | GFSK (Gaussian Frequency Shift Keying) | --- ## 2. Internal Electronic Components The HAP-A1-R consists of several critical subsystems integrated onto a small PCB: ### A. The Microcontroller (MCU) & RF Transceiver Most units in this series utilize a **Low-Power SoC (System on Chip)**. - **Function:** Manages the sleep/wake cycles to preserve battery. It encrypts the Tag ID and coordinates the radio transmission. - **RF Logic:** Operates in the 2.4GHz spectrum, which allows for high data rates and smaller antenna integration compared to LF or HF tags. ### B. Antenna System - **Type:** Internal PCB Trace Antenna. - **Characteristics:** Designed for omnidirectional radiation patterns to ensure the tag can be read regardless of its orientation on a person or asset. ### C. Power Management Circuit - **LDO Regulator:** Ensures stable voltage to the SoC as the button cell voltage drops over time. - **Sleep Circuitry:** The device stays in a "Deep Sleep" mode for 99% of the time, waking up only for milliseconds to broadcast its "heartbeat" signal. ### D. User Interface Elements - **LED Indicator:** Usually a red or green SMD LED to indicate battery status or successful registration. - **Button (Optional):** Some variants include a panic/SOS button that triggers a specific alarm code in the data packet. --- ## 3. Communication Protocol The electronic signature of the HAP-A1-R follows a structured data packet format: 1. **Preamble:** Syncs the receiver with the tag's clock. 2. **ID Code:** A unique 4-byte or 8-byte hexadecimal string assigned to the hardware. 3. **Status Byte:** Provides information on battery voltage (Low battery alert) and button triggers. 4. **CRC (Cyclic Redundancy Check):** Ensures data integrity during wireless transmission. --- ## 4. Key Electronic Advantages * **Anti-Collision:** The internal logic includes a "collision avoidance" algorithm, allowing a single reader to identify hundreds of HAP-A1-R tags simultaneously. * **Low Power Consumption:** Uses ultra-low-current electronics, often consuming less than **1µA** in standby mode. * **Adjustable Power:** The transmission power can often be configured electronically to limit the range for high-density environments.
    ✨ Follow-up Questions
    • ⤷ What is the specific maximum transmission power of the HAP-A1-R?
    • ⤷ How do you replace the battery in a HAP-A1-R tag without damaging the seal?
    • ⤷ Can the HAP-A1-R be programmed with custom ID data using an external writer?