H5TC4G63CFR-RDI
AI

The **H5TC4G63CFR-RDI** is a high-performance, low-voltage synchronous dynamic random-access memory (**DDR3L SDRAM**) chip manufactured by **SK Hynix**. It is widely used in networking equipment, embedded systems, and consumer electronics.
---
### 1. Technical Specifications
The part number can be decoded to understand the specific performance characteristics of the chip:
| Feature | Specification |
| :--- | :--- |
| **Density** | 4 Gigabits (512 Megabytes) |
| **Configuration** | 256M x 16 bits |
| **Memory Type** | DDR3L (Low Voltage DDR3) |
| **Voltage (VDD/VDDQ)** | 1.35V (Backward compatible with 1.5V) |
| **Speed Grade** | 1600 Mbps (DDR3-1600) |
| **CAS Latency** | 11-11-11 |
| **Package Type** | 96-ball FBGA |
| **Temperature Range** | Industrial (-40°C to +95°C) |
---
### 2. Key Internal Components
The electronic architecture of this chip is built around several critical sub-systems:
* **Memory Array:** Organized into 8 internal banks. This multi-bank structure allows for interleaved memory access, reducing latency during data retrieval.
* **Differential Clocking:** Uses `CK` and `CK#` signals to synchronize data transfers on both the rising and falling edges of the clock, doubling the data rate.
* **Bi-directional Data Strobe (DQS):** Acts as a source-synchronous signal used to capture data at the receiver accurately.
* **On-Die Termination (ODT):** Internal resistors that improve signal integrity by preventing reflections on the data bus, eliminating the need for external resistors on the PCB.
* **ZQ Calibration:** A dedicated pin used to calibrate the output driver impedance and ODT values over temperature and voltage changes.
---
### 3. Usage & Connectivity
As an **x16 (16-bit)** width chip, it provides a high data bandwidth per component. It is commonly found in:
1. **Industrial PCs:** Due to the "I" suffix indicating industrial temperature tolerance.
2. **Smart TVs & STBs:** High-speed buffering for video processing.
3. **Network Switches:** Handling packet buffers at high speeds.
---
### 4. Pin Configuration (Typical 96-ball FBGA)
| Pin Group | Function |
| :--- | :--- |
| **A0 - A14** | Address Inputs (Row/Column selection) |
| **BA0 - BA2** | Bank Address Inputs |
| **DQ0 - DQ15** | Data Input/Output lines |
| **VDD / VSS** | Power Supply / Ground |
| **VREFCA / VREFDQ** | Reference Voltage for Command/Data |
- ⤷
What are the power consumption differences between DDR3 and DDR3L versions of this chip?
- ⤷ How do I interpret the full SK Hynix part numbering scheme?
- ⤷ Can this memory chip be used in standard commercial grade applications?