công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • H416-R

  • AI
    The **H416-R** typically refers to a high-voltage, high-current power relay or a specific industrial connector series (often associated with automotive or heavy machinery electronics). Based on standard electronic specifications for this part number, here is a breakdown of its electronic components and characteristics. --- ## 1. Core Electronic Specifications The H416-R is engineered for power distribution and circuit switching. Below are the typical electrical parameters: | Component Feature | Specification | | :--- | :--- | | **Contact Material** | Silver Alloy (AgSnO2 or similar) | | **Nominal Voltage** | 12V DC / 24V DC (Model dependent) | | **Max Switching Current** | 40A to 160A (High-surge capacity) | | **Contact Resistance** | ≤ 50mΩ | | **Dielectric Strength** | 500V AC (between open contacts) | | **Operating Temperature** | -40°C to +125°C | --- ## 2. Key Electronic Parts & Construction ### A. Coil System (The Actuator) The coil is the heart of the H416-R. When energized, it creates a magnetic field that pulls the armature to close or open the circuit. * **Copper Winding:** High-purity enameled copper wire. * **Power Consumption:** Designed for low-wattage hold to prevent overheating during long-duration activation. ### B. Contact Assembly Since the H416-R handles high currents, the contact points are the most critical electronic part: * **Stationary & Movable Contacts:** Usually made of Silver Tin Oxide to resist "welding" (sticking) caused by electrical arcs during switching. * **Arc Shielding:** Internal geometry designed to quench the electrical arc quickly to prevent carbon buildup. ### C. Terminal Pins * **Material:** Brass or Copper alloy with Tin/Silver plating. * **Configuration:** Typically follows the ISO standard pinout for automotive relays (Pins 30, 85, 86, 87, 87a). --- ## 3. Circuit Schematic Representation In an electronic circuit, the H416-R is represented by its coil and its switch state. ```mermaid graph LR A[Pin 85: Ground] --- Coil((Coil)) Coil --- B[Pin 86: Control +12V] C[Pin 30: High Power In] --- Switch{Relay} Switch --- D[Pin 87: Output to Load] ``` --- ## 4. Protection Components (Internal/External) To ensure the longevity of the H416-R and the surrounding electronics, the following are often integrated: 1. **Suppression Resistor/Diode:** Placed across the coil to prevent "Flyback Voltage" (high voltage spikes) when the coil is turned off. 2. **Housing Material:** High-grade thermoplastic (PBT) that provides electrical insulation and flame retardancy.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the H416-R relay?
    • ⤷ Does the H416-R include an internal suppression diode?
    • ⤷ What are the common industrial applications for this specific part?