công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • H25ZQX-R

  • AI
    The **H25ZQX-R** is an incremental rotary encoder commonly used in industrial automation for motion control and position sensing. Below is a detailed breakdown of its electronic parts and technical specifications. --- ## 1. Core Technical Specifications The H25 series is known for its heavy-duty construction. The "ZQX" variant typically refers to specific electrical configurations involving the output signal and connection type. | Feature | Specification | | :--- | :--- | | **Encoder Type** | Incremental | | **Housing Diameter** | 2.5 Inches (Standard H25 frame) | | **Supply Voltage** | 5V to 28V DC (Application dependent) | | **Output Channels** | Dual channel (A, B) with Index (Z) | | **Pulses Per Revolution** | Configurable (Commonly 100 to 10,000 PPR) | | **Protection Rating** | IP65 to IP67 (Dust/Water resistant) | --- ## 2. Key Electronic Components Inside the H25ZQX-R, several critical electronic subsystems work together to translate mechanical rotation into digital pulses: ### A. Optical Sensing Assembly * **LED Source:** An infrared light-emitting diode provides a constant light beam. * **Code Disc:** A high-precision glass or plastic disc with etched radial lines. As it spins, it chops the light beam. * **Photodetector Array:** An ASIC (Application Specific Integrated Circuit) or phototransistor array that converts the interrupted light into small electrical currents. ### B. Signal Conditioning Circuitry * **Comparator/Schmitt Trigger:** These components take the raw analog signals from the photodetectors and convert them into clean, square-wave digital signals. * **Differential Drivers:** Often uses RS-422 line drivers to ensure signal integrity over long cable runs, protecting against Electromagnetic Interference (EMI). ### C. Output Interface The **R** in the suffix often denotes a specific connector or radial exit. * **Push-Pull (Totem Pole):** Provides high/low voltage signals suitable for PLC inputs. * **Line Driver:** Provides complementary signals (A, A-not, B, B-not) for high-speed, noise-immune data transmission. --- ## 3. Wiring and Pinout (Typical) While exact pinouts depend on the connector type (e.g., MS3102E-18-1P), the standard signal mapping is as follows: ```yaml Pin A: Channel A Pin B: Channel B Pin C: Channel Z (Index Pulse) Pin D: +Vcc (Supply Power) Pin E: Common (Ground) Pin F: Case Ground (Shield) ``` --- ## 4. Application Context The H25ZQX-R is designed for environments requiring high reliability: * **Motor Feedback:** Measuring RPM and direction. * **Conveyor Systems:** Synchronizing belt speeds. * **CNC Machinery:** Precise positioning of tool heads.
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the H25ZQX-R and the H25D model?
    • ⤷ How do I troubleshoot a 'no signal' error on this encoder?
    • ⤷ Which line driver ICs are compatible with the RS-422 output on this device?